Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9520-4/PCBZ Datasheet HTML 1Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 2Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 3Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 4Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
AD9520-4
Rev. 0 | Page 2 of 84
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
Power Supply Requirements ....................................................... 4
 
PLL Characteristics ...................................................................... 4
 
Clock Inputs .................................................................................. 7
 
Clock Outputs ............................................................................... 7
 
Timing Characteristics ................................................................ 8
 
Timing Diagrams ..................................................................... 9
 
Clock Output Additive Phase Noise (Distribution Only; VCO
Divider Not Used) ...................................................................... 10
 
Clock Output Absolute Phase Noise (Internal VCO Used).. 11
 
Clock Output Absolute Time Jitter (Clock Generation Using
Internal VCO) ............................................................................. 11
 
Clock Output Absolute Time Jitter (Clock Cleanup Using
Internal VCO) ............................................................................. 11
 
Clock Output Absolute Time Jitter (Clock Generation Using
External VCXO) ......................................................................... 12
 
Clock Output Additive Time Jitter (VCO Divider Not Used)
....................................................................................................... 12
 
Clock Output Additive Time Jitter (VCO Divider Used) ..... 13
 
Serial Control Port—SPI Mode ................................................ 13
 
Serial Control Port—I2C Mode ................................................ 14
 
PD, SYNC, and RESET Pins ..................................................... 15 
Serial Port Setup Pins: SP1, SP0 ............................................... 15
 
LD, STATUS, REFMON Pins.................................................... 15
 
Power Dissipation....................................................................... 16
 
Absolute Maximum Ratings.......................................................... 17
 
Thermal Resistance .................................................................... 17
 
ESD Caution................................................................................ 17
 
Pin Configuration and Function Descriptions........................... 18
 
Typical Performance Characteristics ........................................... 21
 
Terminology .................................................................................... 26
 
Detailed Block Diagram ................................................................ 27
 
Theory of Operation ...................................................................... 28
 
Operational Configurations...................................................... 28
 
Mode 0: Internal VCO and Clock Distribution ................. 28
 
Mode 1: Clock Distribution or External
VCO <1600 MHz ................................................................... 30
 
Mode 2: High Frequency Clock Distribution—CLK or
External VCO > 1600 MHz .................................................. 32
 
Phase-Locked Loop (PLL) .................................................... 34
 
Configuration of the PLL ...................................................... 34
 
Phase Frequency Detector (PFD) ........................................ 34
 
Charge Pump (CP)................................................................. 35
 
On-Chip VCO ........................................................................ 35
 
PLL External Loop Filter....................................................... 35
 
PLL Reference Inputs............................................................. 35
 
Reference Switchover............................................................. 36
 
Reference Divider R............................................................... 36
 
VCXO/VCO Feedback Divider N: P, A, B, R ..................... 36
 
Digital Lock Detect (DLD) ................................................... 38
 
Analog Lock Detect (ALD)................................................... 38
 
Current Source Digital Lock Detect (CSDLD) .................. 38
 
External VCXO/VCO Clock Input (CLK/CLK) ................ 39
 
Holdover.................................................................................. 39
 
Manual Holdover Mode ........................................................ 39
 
Automatic/Internal Holdover Mode.................................... 39
 
Frequency Status Monitors ................................................... 41
 
VCO Calibration .................................................................... 42
 
Zero Delay Operation................................................................ 43
 
Internal Zero Delay Mode..................................................... 43
 
External Zero Delay Mode.................................................... 43
 
Clock Distribution ..................................................................... 44
 
Operation Modes ................................................................... 44
 
CLK or VCO Direct-to-LVPECL Outputs.......................... 44
 
Clock Frequency Division..................................................... 45
 
VCO Divider........................................................................... 45
 
Channel Dividers ................................................................... 45
 
Synchronizing the Outputs—SYNC Function ................... 47
 
LVPECL Output Drivers ....................................................... 48
 
CMOS Output Drivers .......................................................... 49
 
Reset Modes ................................................................................ 49
 
Power-On Reset...................................................................... 49
 
Hardware Reset via the RESET Pin ..................................... 49
 
Soft Reset via the Serial Port................................................. 49
 
Soft Reset to Settings in EEPROM when EEPROM Pin = 0 via
the Serial Port ......................................................................... 49
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com