Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
AD9520-4
Rev. 0 | Page 25 of 84
–100
–110
–120
–130
–140
–150
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 30. Additive (Residual) Phase Noise, CLK-to-CMOS @
250 MHz, Divide-by-4
–100
–160
–150
–140
–130
–120
–110
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 31. Phase Noise (Absolute) Clock Generation; Internal VCO @
1.475 GHz; PFD = 15.36 MHz; LBW = 40 kHz; LVPECL Output = 122.88 MHz
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 442
fS
Figure 32. Phase Noise (Absolute) Clock Cleanup; Internal VCO @ 1.552 GHz;
PFD = 19.44 MHz; LBW = 1.84 kHz; LVPECL Output = 155.52 MHz
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
–120
–160
–150
–140
–130
Figure 33. Phase Noise (Absolute), External VCXO (Toyocom TCO-2112)
@ 245.76 MHz; PFD = 15.36 MHz; LBW = 250 Hz; LVPECL Output = 245.76 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com