Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 52Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
AD9520-4
Rev. 0 | Page 50 of 84
When the AD9520 is in a PD power-down, the chip is in the
following state:
•
The PLL is off (asynchronous power-down).
•
The VCO is off.
•
The CLK input buffer is off, but the CLK input dc bias
circuit is on.
•
In differential mode, the reference input buffer is off, but
the dc bias circuit is still on.
•
In singled-ended mode, the reference input buffer is off,
but the dc bias circuit is off.
•
All dividers are off.
•
All CMOS outputs are tristated.
•
All LVPECL outputs are in safe off mode.
•
The serial control port is active, and the chip responds to
commands.
PLL Power-Down
The PLL section of the AD9520 can be selectively powered
down. There are two PLL power-down modes set by
Register 0x010[1:0]: asynchronous and synchronous.
In asynchronous power-down mode, the device powers down as
soon as the registers are updated. In synchronous power-down
mode, the PLL power-down is gated by the charge pump to
prevent unwanted frequency jumps. The device goes into power-
down on the occurrence of the next charge pump event after the
registers are updated.
Distribution Power-Down
The distribution section can be powered down by writing
0x230[1] = 1b, which turns off the bias to the distribution
section. If the LVPECL power-down mode is in normal
operation (0b), it is possible for a low impedance load on that
LVPECL output to draw significant current during this power-
down. If the LVPECL power-down mode is set to 1b, the
LVPECL output is not protected from reverse bias and can be
damaged under certain termination conditions.
Individual Clock Output Power-Down
Any of the clock distribution outputs can be powered down
into safe power-down mode by individually writing to the
appropriate registers. The register map details the individual
power-down settings for each output. These settings are found
in 0x0F0[0] to 0x0FD[0].
Individual Clock Channel Power-Down
Any of the clock distribution channels can be powered down
individually by writing to the appropriate registers. Powering
down a clock channel is similar to powering down an individual
driver, but it saves more power because the dividers are also
powered down. Powering down a clock channel also automatically
powers down the drivers connected to it. The register map
details the individual power-down settings for each output
channel. These settings are found in 0x192[2], 0x195[2],
0x198[2], and 0x19B[2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com