Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 12Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 13Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 14Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 15Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 16Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 18Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
AD9520-4
Rev. 0 | Page 16 of 84
POWER DISSIPATION
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION, CHIP
Does not include power dissipated in external resistors; all
LVPECL outputs terminated with 50 Ω to VCC − 2 V; all CMOS
outputs have 10 pF capacitive loading; VS_DRV = 3.3 V
Power-On Default
1.32
1.5
W
No clock; no programming; default register values
PLL Locked; One LVPECL Output Enabled
0.55
0.64
W
fREF = 25 MHz; fOUT = 250 MHz; VCO = 1.5 GHz; VCO divider = 2;
one LVPECL output and output divider enabled; zero delay off;
ICP = 4.8 mA
PLL Locked; One CMOS Output Enabled
0.52
0.62
W
fREF = 25 MHz; fOUT = 62.5 MHz; VCO = 1.5 GHz; VCO divider = 2;
one CMOS output and output divider enabled; zero delay off;
ICP = 4.8 mA
Distribution Only Mode; VCO Divider On;
One LVPECL Output Enabled
0.39
0.46
W
fCLK = 2.4 GHz; fOUT = 200 MHz; VCO divider = 2; one LVPECL
output and output divider enabled; zero delay off
Distribution Only Mode; VCO Divider Off;
One LVPECL Output Enabled
0.36
0.42
W
fCLK = 1.6 GHz; fOUT = 200 MHz; VCO divider bypassed; one
LVPECL output and output divider enabled; zero delay off
Maximum Power, Full Operation
1.5
1.7
W
PLL on; internal VCO = 160 MHz; VCO divider = 2; all channel
dividers on; 12 LVPECL outputs @ 125 MHz; zero delay on
PD Power-Down
60
80
mW
PD pin pulled low; does not include power dissipated in
terminations
PD Power-Down, Maximum Sleep
24
33
mW
PD pin pulled low; PLL power-down 0x010[1:0] = 01b; SYNC
power-down 0x230[2] = 1b; power-down distribution reference
0x230[1] = 1b
VCP Supply
4
4.8
mW
PLL operating; typical closed-loop configuration
POWER DELTAS, INDIVIDUAL FUNCTIONS
Power delta when a function is enabled/disabled
VCO Divider On/Off
32
40
mW
VCO divider not used
REFIN (Differential) Off
25
30
mW
Delta between reference input off and differential reference
input mode
REF1, REF2 (Single-Ended) On/Off
15
20
mW
Delta between reference inputs off and one singled-ended
reference enabled; double this number if both REF1 and REF2
are both powered up
VCO On/Off
67
104
mW
Internal VCO disabled; CLK input selected
PLL Dividers and Phase Detector On/Off
51
63
mW
PLL off to PLL on, normal operation; no reference enabled
LVPECL Channel
121
144
mW
No LVPECL output on to one LVPECL output on; channel divider
set to 1
LVPECL Driver
51
73
mW
Second LVPECL output turned on, same channel
CMOS Channel
145
180
mW
No CMOS output on to one CMOS output on; channel divider
set to 1; fOUT = 62.5 MHz and 10 pF of capacitive loading
CMOS Driver On/Off
11
24
mW
Additional CMOS outputs within the same channel turned on
Channel Divider Enabled
40
57
mW
Delta between divider bypassed (divide-by-1) and divide-by-2 to
divide-by-32
Zero Delay Block On/Off
30
34
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com