Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
AD9520-4
Rev. 0 | Page 47 of 84
• The RESET pin is forced low and then released (chip reset).
Let
Δt = delay (in seconds).
Δc = delay (in cycles of clock signal at input to DX).
TX = period of the clock signal at the input of the divider, DX (in
seconds).
Φ =
16 × SH[4] + 8 × PO[3] + 4 × PO[2] + 2 × PO[1] + 1 × PO[0]
• The PD pin is forced low and then released (chip power-down).
• Whenever a VCO calibration is completed, an internal SYNC
signal is automatically asserted at the beginning and released
upon the completion of a VCO calibration.
The most common way to execute the SYNC function is to use
the SYNC pin to perform a manual synchronization of the
outputs. This requires a low-going signal on the SYNC pin,
which is held low and then released when synchronization is
desired. The timing of the SYNC operation is shown in
(using the VCO divider) and in
(the VCO divider not
used). There is an uncertainty of up to 1 cycle of the clock at the
input to the channel divider due to the asynchronous nature of
the SYNC signal with respect to the clock edges inside the
AD9520.
Figure 49
Figure 50
The channel divide by is set as N = high cycles and M = low
cycles.
Case 1
For Φ ≤ 15,
Δt = Φ × TX
Δc = Δt/TX = Φ
Case 2
For Φ ≥ 16,
Δt = (Φ − 16 + M + 1) × TX
Δc = Δt/TX
The pipeline delay from the SYNC rising edge to the beginning
of the synchronized output clocking is between 14 cycles and
15 cycles of clock at the channel divider input, plus either one
cycle of the VCO divider input (see
), or one cycle of
the channel divider input (see
), depending on whether
the VCO divider is used. Cycles are counted from the rising
edge of the signal. In addition, there is an additional 1.2 ns (typical)
delay from the SYNC signal to the internal synchronization logic,
as well as the propagation delay of the output driver. The driver
propagation delay is approximately 100 ps for the LVPECL
driver and approximately 1.5 ns for the CMOS driver.
Figure 49
Figure 50
By giving each divider a different phase offset, output-to-output
delays can be set in increments of the channel divider input
clock cycle. Figure 48 shows the results of setting such a coarse
offset between outputs.
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Tx
DIVIDER 0
DIVIDER 1
DIVIDER 2
CHANNEL
DIVIDER INPUT
SH = 0
PO = 0
SH = 0
PO = 1
SH = 0
PO = 2
1 × Tx
2 × Tx
CHANNEL DIVIDER OUTPUTS
DIV = 4, DUTY = 50%
Another common way to execute the SYNC function is by
setting and resetting the soft SYNC bit at 0x230[0]. Both setting
and resetting of the soft SYNC bit requires an update all registers
(0x232[0] = 1) operation to take effect.
A SYNC operation brings all outputs that have not been excluded
(by the ignore SYNC bit) to a preset condition before allowing
the outputs to begin clocking in synchronicity. The preset condition
takes into account the settings in each of the channel’s start high
bit and its phase offset. These settings govern both the static state
of each output when the SYNC operation is happening and the
state and relative phase of the outputs when they begin clocking
again upon completion of the SYNC operation. Between outputs
and after synchronization, this allows for the setting of phase offsets.
Figure 48. Effect of Coarse Phase Offset (or Delay)
Synchronizing the Outputs—SYNC Function
The AD9520 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions. These conditions include the
divider ratio and phase offsets for a given channel divider. This
allows the user to specify different divide ratios and phase offsets
for each of the four channel dividers. Releasing the SYNC pin
allows the outputs to continue clocking with the preset conditions
applied.
The AD9520 differential LVPECL outputs are four groups of
three, sharing a channel divider per triplet. In the case of CMOS,
each LVPECL differential pair can be configured as two single-
ended CMOS outputs. The synchronization conditions apply to
all of the drivers that belong to that channel divider.
Synchronization of the outputs is executed in several ways:
• The SYNC pin is forced low and then released (manual sync).
Each channel (a divider and its outputs) can be excluded from
any SYNC operation by setting the no sync bit of the channel.
Channels that are set to ignore SYNC (excluded channels) do
not set their outputs static during a SYNC operation, and their
outputs are not synchronized with those of the included channels.
• By setting and then resetting any one of the following three
bits: the soft SYNC bit (0x230[0]), the soft reset bit (0x000[5]
[mirrored]), and the power-down distribution reference bit
(0x230[1]).
• Synchronization of the outputs can be executed as part of the
chip power-up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com