Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 13Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 14Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 15Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 16Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 18Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 20Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
AD9520-4
Rev. 0 | Page 17 of 84
ABSOLUTE MAXIMUM RATINGS
Table 19.
Parameter or Pin
With
Respect to
Rating
VS
GND
−0.3 V to +3.6 V
VCP, CP
GND
−0.3 V to +5.8 V
VS_DRV
GND
−0.3 V to +3.6 V
REFIN, REFIN
GND
−0.3 V to VS + 0.3 V
RSET, LF, BYPASS
GND
−0.3 V to VS + 0.3 V
CPRSET
GND
−0.3 V to VS + 0.3 V
CLK, CLK
GND
−0.3 V to VS + 0.3 V
CLK
CLK
−1.2 V to +1.2 V
SCLK/SCL, SDIO/SDA, SDO, CS
GND
−0.3 V to VS + 0.3 V
OUT0, OUT0, OUT1, OUT1,
OUT2, OUT2, OUT3, OUT3,
OUT4, OUT4, OUT5, OUT5,
OUT6, OUT6, OUT7, OUT7,
OUT8, OUT8, OUT9, OUT9,
OUT10, OUT10, OUT11, OUT11
GND
−0.3 V to VS + 0.3 V
SYNC, RESET , PD
GND
−0.3 V to VS + 0.3 V
REFMON, STATUS, LD
GND
−0.3 V to VS + 0.3 V
SP0, SP1, EEPROM
GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
1 See Table 20 for θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Thermal impedance measurements were taken on a JEDEC51-5
2S2P test board in still air in accordance with JEDEC JESD51-2.
See the Thermal Performance section for more details.
Table 20.
Package Type
θJA
Unit
64-Lead LFCSP (CP-64-4)
22
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com