Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 82Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 83Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
AD9520-4
Rev. 0 | Page 83 of 84
Thevenin-equivalent termination uses a resistor network to
provide 50 Ω termination to a dc voltage that is below VOL of
the LVPECL driver. In this case, VS_DRV on the AD9520
should equal VS of the receiving buffer. Although the resistor
combination shown results in a dc bias point of VS_DRV − 2 V,
the actual common-mode voltage is VS_DRV − 1.3 V because
there is additional current flowing from the AD9520 LVPECL
driver through the pull-down resistor.
The circuit is identical for the case where VS_DRV = 2.5 V, except
that the pull-down resistor is 62.5 Ω and the pull-up is 250 Ω.
VS_DRV
LVPECL
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_DRV
LVPECL
127Ω
127Ω
83Ω
83Ω
Figure 68. DC-Coupled 3.3V LVPECL Far-End Thevenin Termination
VS_DRV
LVPECL
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
Figure 69. DC-Coupled 3.3V LVPECL Y-Termination
VS_DRV
LVPECL
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 70. AC-Coupled LVPECL with Parallel Transmission Line
CMOS CLOCK DISTRIBUTION
The output drivers of the AD9520 can be configured as CMOS
drivers. When selected as a CMOS driver, each output becomes
a pair of CMOS outputs, each of which can be individually
turned on or off and set as inverting or noninverting. These
outputs are 3.3 V or 2.5 V CMOS compatible. However, every
output driver (including the LVPECL drivers) must be run at
either 2.5 V or 3.3 V. The user cannot mix and match 2.5 V and
3.3 V outputs.
When single-ended CMOS clocking is used, some of the
following guidelines should be used.
Point-to-point connections should be designed such that each
driver has only one receiver, if possible. Connecting outputs in
this manner allows for simple termination schemes and minimizes
ringing due to possible mismatched impedances on the output
trace. Series termination at the source is generally required to
provide transmission line matching and/or to reduce current
transients at the driver.
The value of the resistor is dependent on the board design and
timing requirements (typically 10 Ω to 100 Ω is used). CMOS
outputs are also limited in terms of the capacitive load or trace
length that they can drive. Typically, trace lengths less than
3 inches are recommended to preserve signal rise/fall times and
signal integrity.
CMOS
CMOS
10Ω
60.4Ω
(1.0 INCH)
MICROSTRIP
Figure 71. Series Termination of CMOS Output
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9520 do not supply enough current
to provide a full voltage swing with a low impedance resistive, far-
end termination, as shown in Figure 72. The far-end termination
network should match the PCB trace impedance and provide the
desired switching point. The reduced signal swing may still meet
receiver input requirements in some applications. This can be
useful when driving long trace lengths on less critical nets.
CMOS
CMOS
10Ω
50Ω
100Ω
100Ω
VS
Figure 72. CMOS Output with Far-End Termination
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9520 offers LVPECL outputs
that are better suited for driving long traces where the inherent
noise immunity of differential signaling provides superior
performance for clocking converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com