Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
AD9520-4
Rev. 0 | Page 48 of 84
12
3
4
5
6
7
8
910
INPUT TO VCO DIVIDER
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
1
11
12
13
14
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 49. SYNC Timing Pipeline Delay When VCO Divider Is Used—CLK or VCO Is Input
INPUT TO CLK
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT
12
3
4
5
6
7
8
910
11
12
13
14
1
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 50. SYNC Timing Pipeline Delay When VCO Divider Is Not Used—CLK Input Only
LVPECL Output Drivers
The LVPECL differential voltage (VOD) is selectable (from
~400 mV to 960 mV, see Bit 1 and Bit 2 in Register 0x0F0 to
Register 0x0FB. The LVPECL outputs have dedicated pins for
power supply (VS_DRV), allowing a separate power supply to
be used. VS_DRV can be from 2.5 V to 3.3 V.
The LVPECL output polarity can be set as noninverting or
inverting, which allows for the adjustment of the relative
polarity of outputs within an application without requiring a
board layout change. Each LVPECL output can be powered
down or powered up as needed. Because of the architecture of
the LVPECL output stages, there is the possibility of electrical
overstress and breakdown under certain power-down conditions.
For this reason, the LVPECL outputs have two power-down
modes: total power-down and safe power-down.
In total power-down mode, all output drivers are shut off
simultaneously. This mode must not be used if there is an
external voltage bias network (such as Thevenin equivalent
termination) on the output pins that will cause a dc voltage to
appear at the powered down outputs. However, total power-
down mode is allowed when the LVPECL drivers are terminated
using only pull-down resistors. The total power-down mode is
activated by setting 0x230[1].
The primary power-down mode is the safe power-down mode.
This mode continues to protect the output devices while powered
down. There are three ways to activate safe power-down mode:
individually set the power-down bit for each driver, power down an
individual output channel (all of the drivers associated with that
channel are powered down automatically), and activate sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com