Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-4/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9520-4/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9520-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 20Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-4/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
AD9520-4
Rev. 0 | Page 23 of 84
1.0
0.6
0.2
–0.2
–0.6
–1.0
01
0.5
1.0
TIME (ns)
.5
Figure 18. LVPECL Differential Voltage Swing @ 1600 MHz
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
08
60
100
40
20
70
50
90
30
10
TIME (ns)
0
Figure 19. CMOS Output with 10 pF Load @ 25 MHz
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
010
9
8
7
6
5
4
3
2
1
TIME (ns)
2pF LOAD
10pF
LOAD
Figure 20. CMOS Output with 2 pFand 10 pF Load @ 250 MHz
2.0
1.8
1.6
1.4
1.2
1.0
03
1.5
2.0
2.5
1.0
0.5
FREQUENCY (GHz)
.0
Figure 21. LVPECL Differential Voltage Swing vs. Frequency
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
07
2pF
10pF
20pF
600
500
400
300
200
100
FREQUENCY (MHz)
00
Figure 22. CMOS Output Swing vs. Frequency and Capacitive Load
–40
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 23. Internal VCO Phase Noise (Absolute), Direct-to-LVPECL @ 1450 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com