Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
AD9520-5
Rev. 0 | Page 26 of 80
THEORY OF OPERATION
OPERATIONAL CONFIGURATIONS
The AD9520 can be configured in several ways. These
configurations must be set up by loading the control registers
(see Table 44 to Table 55). Each section or function must be
individually programmed by setting the appropriate bits in the
corresponding control register or registers. When the desired
configuration is programmed, the user can store these values in
the on-board EEPROM to allow the part to power up in the desired
configuration without user intervention.
Mode 1: Clock Distribution or External VCO < 1600 MHz
When the external clock source to be distributed or the external
VCO/VCXO is <1600 MHz, a configuration that bypasses the
VCO divider can be used. This is the only difference from Mode 2.
Bypassing the VCO divider limits the frequency of the clock
source to <1600 MHz (due to the maximum input frequency
allowed at the channel dividers).
Configuration and Register Settings
For clock distribution applications where the external clock is
<1600 MHz, the register settings shown in Table 19 should be used.
Table 19. Settings for Clock Distribution < 1600 MHz
Register
Description
0x010[1:0] = 01b
PLL asynchronous power-down (PLL off )
0x1E1[0] = 1b
Bypass the VCO divider as the source for
the distribution section
0x1E1[1] = 0b
CLK selected as the source
When using the internal PLL with an external VCO < 1600 MHz,
the PLL must be turned on.
Table 20. Settings for Using Internal PLL with External VCO
< 1600 MHz
Register
Description
0x1E1[0] = 1b
Bypass the VCO divider as the source for
the distribution section
0x010[1:0] = 00b
PLL normal operation (PLL on) along
with other appropriate PLL settings in
0x010 to 0x01E
An external VCO/VCXO requires an external loop filter that
must be connected between CP and the tuning pin of the VCO/
VCXO. This loop filter determines the loop bandwidth and stability
of the PLL. Make sure to select the proper PFD polarity for the
VCO/VCXO being used.
Table 21. Setting the PFD Polarity
Register
Description
0x010[7] = 0b
PFD polarity positive (higher control voltage
produces higher frequency)
0x010[7] = 1b
PFD polarity negative (higher control voltage
produces lower frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com