Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
AD9520-5
Rev. 0 | Page 59 of 80
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
A04
EEPROM
Buffer
Segment
Register 5
EEPROM Buffer Segment Register 5 (default: Bits[15:8] of starting register address for Group 2)
00
A05
EEPROM
Buffer
Segment
Register 6
EEPROM Buffer Segment Register 6 (default: Bits[7:0] of starting register address for Group 2)
04
A06
EEPROM
Buffer
Segment
Register 7
0
EEPROM Buffer Segment Register 7 (default: number of bytes for Group 3)
0E
A07
EEPROM
Buffer
Segment
Register 8
EEPROM Buffer Segment Register 8 (default: Bits[15:8] of starting register address for Group 3)
00
A08
EEPROM
Buffer
Segment
Register 9
EEPROM Buffer Segment Register 9 (default: Bits[7:0] of starting register address for Group 3)
10
A09
EEPROM
Buffer
Segment
Register 10
0
EEPROM Buffer Segment Register 10 (default: number of bytes for Group 4)
0E
A0A
EEPROM
Buffer
Segment
Register 11
EEPROM Buffer Segment Register 11 (default: Bits[15:8] of starting register address for Group 4)
00
A0B
EEPROM
Buffer
Segment
Register 12
EEPROM Buffer Segment Register 12 (default: Bits[7:0] of starting register address for Group 4)
F0
A0C
EEPROM
Buffer
Segment
Register 13
0
EEPROM Buffer Segment Register 13 (default: number of bytes for Group 5)
0B
A0D
EEPROM
Buffer
Segment
Register 14
EEPROM Buffer Segment Register 14 (default: Bits[15:8] of starting register address for Group 5)
01
A0E
EEPROM
Buffer
Segment
Register 15
EEPROM Buffer Segment Register 15 (default: Bits[7:0] of starting register address for Group 5)
90
A0F
EEPROM
Buffer
Segment
Register 16
0
EEPROM Buffer Segment Register 16 (default: number of bytes for Group 6)
01
A10
EEPROM
Buffer
Segment
Register 17
EEPROM Buffer Segment Register 17 (default: Bits[15:8] of starting register address for Group 6)
01
A11
EEPROM
Buffer
Segment
Register 18
EEPROM Buffer Segment Register 18 (default: Bits[7:0] of starting register address for Group 6)
E0
A12
EEPROM
Buffer
Segment
Register 19
0
EEPROM Buffer Segment Register 19 (default: number of bytes for Group 7)
01
A13
EEPROM
Buffer
Segment
Register 20
EEPROM Buffer Segment Register 20 (default: Bits[15:8] of starting register address for Group 7)
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com