Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
AD9520-5
Rev. 0 | Page 58 of 80
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
193
Divider 1
(PECL)
Divider 1 low cycles
Divider 1 high cycles
33
194
Divider 1
bypass
Divider 1
ignore
SYNC
Divider 1
force
high
Divider 1
start high
Divider 1
phase offset
00
195
Unused
Unused
Channel 1
power-
down
Channel 1
direct-to-
output
Disable
Divider 1
DCC
00
196
Divider 2
(PECL)
Divider 2 low cycles
Divider 2 high cycles
11
197
Divider 2
bypass
Divider 2
ignore
SYNC
Divider 2
force
high
Divider 2
start high
Divider 2
phase offset
00
198
Unused
Unused
Channel 2
power-
down
Channel 2
direct-to-
output
Disable
Divider 2
DCC
00
199
Divider 3
(PECL)
Divider 3 low cycles
Divider 3 high cycles
00
19A
Divider 3
bypass
Divider 3
ignore
SYNC
Divider 3
force
high
Divider 3
start high
Divider 3
phase offset
00
19B
Unused
Unused
Channel 3
power-
down
Channel 3
direct-to-
output
Disable
Divider 3
DCC
00
19C
to
1DF
Unused
00
VCO Divider and CLK Input
1E0
VCO divider
Unused
Unused
VCO divider
00
1E1
Input CLKs
Unused
Unused
(default = 01b)
Power -
down
clock
input
section
Reserved
Bypass
VCO
divider
20
1E2
to
22A
Unused
00
System
230
Power-down
and SYNC
Unused
Disable
power-on
SYNC
Power-
down
SYNC
Power-
down
distribution
reference
Soft
SYNC
00
231
Unused
Unused
00
Update All Registers
232
IO_UPDATE
Unused
IO_UPDATE
(self-clearing)
00
233
to
9FF
Unused
00
EEPROM Buffer Segment
A00
EEPROM
Buffer
Segment
Register 1
0
EEPROM Buffer Segment Register 1 (default: number of bytes for Group 1)
00
A01
EEPROM
Buffer
Segment
Register 2
EEPROM Buffer Segment Register 2 (default: Bits[15:8] of starting register address for Group 1)
00
A02
EEPROM
Buffer
Segment
Register 3
EEPROM Buffer Segment Register 3 (default: Bits[7:0] of starting register address for Group 1)
00
A03
EEPROM
Buffer
Segment
Register 4
0
EEPROM Buffer Segment Register 4 (default: number of bytes for Group 2)
02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com