Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
AD9520-5
Rev. 0 | Page 34 of 80
Analog Lock Detect (ALD)
The AD9520 provides an ALD function that can be selected for
use at the LD pin. There are two operating modes for ALD:
•
N-channel open-drain lock detect. This signal requires a
pull-up resistor to the positive supply, VS. The output is
normally high with short, low going pulses. Lock is indicated
by the minimum duty cycle of the low going pulses.
•
P-channel open-drain lock detect. This signal requires a
pull-down resistor to GND. The output is normally low with
short, high going pulses. Lock is indicated by the minimum
duty cycle of the high going pulses.
The analog lock detect function requires an RC filter to provide a
logic level indicating lock/unlock. The ADIsimCLK tool can be
used to help the user select the right passive component values
for ALD to ensure its correct operation.
AD9520
ALD
LD
R1
C
VOUT
R2
VS = 3.3V
Figure 31. Example of Analog Lock Detect Filter Using
N-Channel Open-Drain Driver
Current Source Digital Lock Detect (CSDLD)
During the PLL locking sequence, it is normal for the DLD
signal to toggle a number of times before remaining steady
when the PLL is completely locked and stable. There may be
applications where it is desirable to have DLD asserted only
after the PLL is solidly locked. This is possible by using the
current source digital lock detect function.
The current source lock detect provides a current of 110 μA when
DLD is true and shorts to ground when DLD is false. If a capacitor
is connected to the LD pin, it charges at a rate determined by the
current source during the DLD true time but is discharged nearly
instantly when DLD is false. By monitoring the voltage at the
LD pin (top of the capacitor), LD = high happens only after the
DLD is true for a sufficiently long time. Any momentary DLD
false resets the charging. By selecting a properly sized capacitor,
it is possible to delay a lock detect indication until the PLL is
stably locked and the lock detect does not chatter.
To use current source digital lock detect, do the following:
•
Place a capacitor to ground on the LD pin
•
Set 0x01A[5:0] = 0x04
•
Enable the LD pin comparator (0x01D[3] = 1)
The LD pin comparator senses the voltage on the LD pin, and
the comparator output can be made available at the REFMON
pin control (0x01B[4:0]) or the STATUS pin control (0x017[7:2]).
The internal LD pin comparator trip point and hysteresis are given
in Table 14. The voltage on the capacitor can also be sensed by
an external comparator connected to the LD pin. In this case,
enabling the on-board LD pin comparator is not necessary.
The user can asynchronously enable individual clock outputs only
when CSDLD is high. To enable this feature, set the appropriate bits
in the enable output on the CSDLD registers (0x0FC and 0x0FD).
AD9520
LD
REFMON
OR
STATUS
C
VOUT
110µA
DLD
LD PIN
COMPARATOR
Figure 32. Current Source Digital Lock Detect
External VCXO/VCO Clock Input (CLK/CLK)
This differential input is used to drive the AD9520 clock
distribution section. This input can receive up to 2.4 GHz.
The pins are internally self-biased, and the input signal should
be ac-coupled via capacitors.
VS
CLOCK INPUT
STAGE
CLK
CLK
5kΩ
5kΩ
2.5kΩ
2.5kΩ
Figure 33. CLK Equivalent Input Circuit
The CLK/CLK input can be used either as a distribution only
input (with the PLL off) or as a feedback input for an external
VCO/VCXO using the internal PLL.
Holdover
The AD9520 PLL has a holdover function. Holdover is
implemented by placing the charge pump in a high impedance
state. This function is useful when the PLL reference clock is
lost. Holdover mode allows the external VCO to maintain a
relatively constant frequency even though there is no reference
clock. Without this function, the charge pump is placed into a
constant pump-up or pump-down state, resulting in a massive
VCO frequency shift. Because the charge pump is placed in a
high impedance state, any leakage that occurs at the charge
pump output or the VCO tuning node causes a drift of the VCO
frequency. This can be mitigated by using a loop filter that
contains a large capacitive component because this drift is
limited by the current leakage induced slew rate (ILEAK/C) of
the VCO control voltage.
Both a manual holdover mode, using the SYNC pin, and an
automatic holdover mode are provided. To use either function, the
holdover function must be enabled (0x01D[0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com