Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 52Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
AD9520-5
Rev. 0 | Page 53 of 80
EEPROM OPERATIONS
The AD9520 contains an internal EEPROM (nonvolatile memory).
The EEPROM can be programmed by users to create and store
a user-defined register setting file when the power is off. This
setting file can be used for power-up and chip reset as a default
setting. The EEPROM size is 512 bytes.
During the data transfer process, the write and read registers via
the serial port are generally not available except for one readback
register, STATUS_EEPROM.
To determine the data transfer state through the serial port in
SPI mode, users can read the value of STATUS_EEPROM (1 =
in process and 0 = completed).
In I2C mode, the user can address the AD9520 slave port with
the external I2C master (send an address byte to the AD9520). If
the AD9520 responds with a no acknowledge bit, the data transfer
process is not done. If the AD9520 responds with an acknowledge
bit, the data transfer process is completed. The user can monitor
the STATUS_EEPROM register or program the STATUS pin to
monitor the status of the data transfer.
WRITING TO THE EEPROM
The EEPROM cannot be programmed directly through the serial
port interface. To program the EEPROM and store a register
setting file, do the following:
1.
Program the AD9520 registers to the desired circuit state.
2.
Program the EEPROM buffer registers, if necessary (see
the Programming the EEPROM Buffer Segment section).
This is only necessary if users want to use the EEPROM to
control the default setting of some (but not all) of the
AD9520 registers, or if they want to control the register
setting update sequence during power-up or chip reset.
3.
Set the enable EEPROM write bit (0xB02[0]) to 1 to enable
the EEPROM.
4.
Set the REG2EEPROM bit (0xB03[0]) to 1.
5.
Set the IO_UPDATE bit (0x232[0]) to 1, which starts the
process of writing data into the EEPROM to create the
EEPROM setting file. This enables the AD9520 EEPROM
controller to transfer the current register values, as well as
the memory address and instruction bytes from the EEPROM
buffer segment, into the EEPROM. After the write process
is completed, the internal controller sets 0xB03[0]
(REG2EEPROM) back to 0.
The readback register STATUS_EEPROM (0xB00[0]) is
used to indicate the data transfer status between the
EEPROM and the control registers (0 = done/inactive;
1 = in process/ active). At the beginning of the data
transfer, STATUS_EEPROM is set to 1 by the EEPROM
controller and cleared to 0 at the end of the data transfer.
The user can access STATUS_EEPROM through the
STATUS pin when the STATUS pin is programmed to
monitor STATUS_EEPROM. Alternatively, the user can
monitor the STATUS_EEPROM bit.
6.
After the data transfer process is done (0xB00[0] = 0), set
the enable EEPROM write register (0xB02[0]) to 0 to
disable writing to the EEPROM.
To verify that the data transfer has completed correctly, the user
can verify that 0xB01[0] = 0. A value of 1 in this register indicates a
data transfer error.
READING FROM THE EEPROM
The following reset-related events can start the process of
restoring the settings stored in EEPROM to control registers.
When the EEPROM pin is set high, do any of the following:
1.
Power-up the AD9520.
2.
Perform a hardware chip reset by pulling the RESET pin
low, and then releasing RESET.
3.
Set the self-clearing soft reset bit (0x000[5]) to 1.
When the EEPROM pin is set low, set the self-clearing
Soft_EEPROM bit (0xB02[1]) to 1. The AD9520 then starts to
read the EEPROM and loads the values into the AD9520.
If the EEPROM pin is low during reset or power-up, the
EEPROM is not active, and the AD9520 default values are
loaded instead.
To verify that the data transfer has completed correctly, the user
can verify that 0xB01[0] = 0. A value of 1 in this register indicates a
data transfer error.
PROGRAMMING THE EEPROM BUFFER SEGMENT
The EEPROM buffer segment is a register space on the AD9520
that allows the user to specify which groups of registers are
stored to the EEPROM during EEPROM programming. Normally,
this segment does not need to be programmed by the user. Instead,
the default power-up values for the EEPROM buffer segment
allow the user to store all of the AD9520 register values from
Register 0x000 to Register 0x231 to the EEPROM.
For example, if users want to load only the output driver settings
from the EEPROM without disturbing the PLL register settings
currently stored in the AD9520, they can alter the EEPROM buffer
segment to include only the registers that apply to the output
drivers and exclude the registers that apply to the PLL
configuration.
There are two parts to the EEPROM buffer segment: register
section definition groups and operational codes. Each register
section definition group contains the starting address and
number of bytes to be written to the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com