Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
AD9520-5
Rev. 0 | Page 69 of 80
Table 49. Output Driver Control
Reg.
Addr
(Hex) Bit(s) Name
Description
0F0
[7]
OUT0 format
Selects the output type for OUT0.
[7] = 0; LVPECL (default).
[7] = 1; CMOS.
0F0
[6:5]
OUT0 CMOS
configuration
Sets the CMOS output configuration for OUT0 when 0x0F0[7] = 1.
[6:5]
OUT0A
OUT0B
00
Tristate
Tristate
01
On
Tristate
10
Tristate
On
11 (default)
On
On
0F0
[4:3]
OUT0 polarity
Sets the output polarity for OUT0.
[7]
[4]
[3]
Output Type
OUT0A
OUT0B
0 (default)
X
0 (default)
LVPECL
Noninverting
Inverting
0
X
1
LVPECL
Inverting
Noninverting
1
0 (default)
0
CMOS
Noninverting
Noninverting
1
0
1
CMOS
Inverting
Inverting
1
1
0
CMOS
Noninverting
Inverting
1
1
1
CMOS
Inverting
Noninverting
0F0
[2:1]
OUT0 LVPECL
differential
voltage
Sets the LVPECL output differential voltage (VOD).
[2]
[1]
VOD (mV)
0
0
400
0
1
600
1 (default)
0 (default)
780
1
1
960
0F0
[0]
OUT0 LVPECL
power-down
LVPECL power-down.
[0] = 0; normal operation (default).
[0] = 1; safe power-down.
0F1
[7:0]
OUT1 control
This register controls OUT1, and the bit assignments for this register are identical to Register 0x0F0.
0F2
[7:0]
OUT2 control
This register controls OUT2, and the bit assignments for this register are identical to Register 0x0F0.
0F3
[7:0]
OUT3 control
This register controls OUT3, and the bit assignments for this register are identical to Register 0x0F0.
0F4
[7:0]
OUT4 control
This register controls OUT4, and the bit assignments for this register are identical to Register 0x0F0.
0F5
[7:0]
OUT5 control
This register controls OUT5, and the bit assignments for this register are identical to Register 0x0F0.
0F6
[7:0]
OUT6 control
This register controls OUT6, and the bit assignments for this register are identical to Register 0x0F0.
0F7
[7:0]
OUT7 control
This register controls OUT7, and the bit assignments for this register are identical to Register 0x0F0.
0F8
[7:0]
OUT8 control
This register controls OUT8, and the bit assignments for this register are identical to Register 0x0F0.
0F9
[7:0]
OUT9 control
This register controls OUT9, and the bit assignments for this register are identical to Register 0x0F0.
0FA
[7:0]
OUT10 control
This register controls OUT10, and the bit assignments for this register are identical to Register 0x0F0.
0FB
[7:0]
OUT11 control
This register controls OUT11, and the bit assignments for this register are identical to Register 0x0F0.
0FC
[7]
CSDLD En OUT7 OUT7 is enabled only if CSDLD is high.
[7]
CSDLD Signal
OUT7 Enable Status
0
0
Not affected by CSDLD signal (default).
1
0
Asynchronous power-down.
1
1
Asynchronously enable OUT7 if not powered down by other settings.
To use this feature, the user must use current source digital lock detect
and set the enable LD pin comparator bit (0x01D[3]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com