Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
AD9520-5
Rev. 0 | Page 40 of 80
Clock Frequency Division
The total frequency division is a combination of the VCO
divider (when used) and the channel divider. When the VCO
divider is used, the total division from the CLK to the output is
the product of the VCO divider (1, 2, 3, 4, 5, and 6) and the
division of the channel divider. Table 28 indicates how the
frequency division for a channel is set.
Table 28. Frequency Division
VCO Divider
Setting1
Channel
Divider
Setting
CLK Direct-
to-Output
Setting
Resulting
Frequency
Division
1 to 6
Don’t care
Enable
1
1 to 6
2 to 32
Disable
(1 to 6) × (2 to 32)
2 to 6
Bypass
Disable
(2 to 6) × (1)
1
Bypass
Disable
Output static
(illegal state)
VCO divider
bypassed
Bypass
Don’t care
1
VCO divider
bypassed
2 to 32
Don’t care
2 to 32
1 The bypass VCO divider (0x1E1[0] = 1) is not the same as VCO divider = 1.
The channel dividers feeding the output drivers contain one
2-to-32 frequency divider. This divider provides for division-by-1
to division-by-32. Division-by-1 is accomplished by bypassing
the divider. The dividers also provide for a programmable duty
cycle, with optional duty-cycle correction when the divide ratio
is odd. A phase offset or delay in increments of the input clock
cycle is selectable. The channel dividers operate with a signal at
their inputs up to 1600 MHz. The features and settings of the
dividers are selected by programming the appropriate setup
and control registers (see Table 44 through Table 55).
VCO Divider
The VCO divider provides frequency division between the CLK
input and the clock distribution channel dividers. The VCO
divider can be set to divide by 1, 2, 3, 4, 5, or 6 (see Table 51,
0x1E0[2:0]). However, when the VCO divider is set to 1, none
of the channel output dividers can be bypassed.
The VCO divider can also be set to static, which is useful for
applications where the only desired output frequency is the
CLK input frequency. Making the VCO divider static increases
the wide band spurious-free dynamic range (SFDR). An
alternative to achieving the same SFDR performance is to set
the VCO divider to 1 and enable CLK direct mode.
Channel Dividers
A channel divider drives each group of three LVPECL outputs.
There are four channel dividers (0, 1, 2, and 3) driving 12 LVPECL
outputs (OUT0 to OUT11). Table 29 gives the register locations
used for setting the division and other functions of these dividers.
The division is set by the values of M and N. The divider can be
bypassed (equivalent to divide-by-1, divider circuit is powered
down) by setting the bypass bit. The duty-cycle correction can
be enabled or disabled according to the setting of the disable
divider DCC bits.
Table 29. Setting DX for the Output Dividers
Divider
Low Cycles M
High Cycles N
Bypass
Disable
Div DCC
0
0x190[7:4]
0x190[3:0]
0x191[7]
0x192[0]
1
0x193[7:4]
0x193[3:0]
0x194[7]
0x195[0]
2
0x196[7:4]
0x196[3:0]
0x197[7]
0x198[0]
3
0x199[7:4]
0x199[3:0]
0x19A[7]
0x19B[0]
Channel Frequency Division (0, 1, 2, and 3)
For each channel (where the channel number x is 0, 1, 2, or 3),
the frequency division, DX, is set by the values of M and N
(four bits each, representing Decimal 0 to Decimal 15), where
Number of Low Cycles = M + 1
Number of High Cycles = N + 1
The high and low cycles are cycles of the clock signal currently
routed to the input of the channel dividers (VCO divider out
or CLK).
When a divider is bypassed, DX = 1.
Otherwise, DX = (N + 1) + (M + 1) = N + M + 2. This allows
each channel divider to divide by any integer from 1 to 32.
Duty Cycle and Duty-Cycle Correction
The duty cycle of the clock signal at the output of a channel is a
result of some or all of the following conditions:
•
The M and N values for the channel
•
DCC enabled/disabled
•
VCO divider enabled/bypassed
•
The CLK input duty cycle
The DCC function is enabled by default for each channel divider.
However, the DCC function can be disabled individually for
each channel divider by setting the disable divider DCC bit for
that channel.
Certain M and N values for a channel divider result in a non-
50% duty cycle. A non-50% duty cycle can also result with an
even division, if M ≠ N. The duty-cycle correction function
automatically corrects non-50% duty cycles at the channel
divider output to 50% duty cycle.
Duty-cycle correction requires the following channel divider
conditions:
• An even division must be set as M = N.
• An odd division must be set as M = N + 1.
When not bypassed or corrected by the DCC function, the duty
cycle of each channel divider output is the numerical value of
(N + 1)/(N + M + 2) expressed as a percent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com