Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
AD9520-5
Rev. 0 | Page 41 of 80
The duty cycle at the output of the channel divider for various
configurations is shown in Table 30 to Table 33.
Table 30. Channel Divider Output Duty Cycle with VCO
Divider ≠ 1; Input Duty Cycle Is 50%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div
DCC = 0
Even
Channel
divider
bypassed
50%
50%
Odd = 3
Channel
divider
bypassed
33.3%
50%
Odd = 5
Channel
divider
bypassed
40%
50%
Even, odd
Even
(N + 1)/(N + M + 2)
50%, requires
M = N
Even, odd
Odd
(N + 1)/(N + M + 2)
50%, requires
M = N + 1
Table 31. Channel Divider Output Duty Cycle with VCO
Divider ≠ 1; Input Duty Cycle Is X%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Even
Channel
divider
bypassed
50%
50%
Odd = 3
Channel
divider
bypassed
33.3%
(1 + x%)/3
Odd = 5
Channel
divider
bypassed
40%
(2 + x%)/5
Even
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Even
Odd
(N + 1)/
(N + M + 2)
50%, requires M = N + 1
Odd = 3
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Odd = 3
Odd
(N + 1)/
(N + M + 2)
(3N + 4 + x%)/(6N + 9),
requires M = N + 1
Odd = 5
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Odd = 5
Odd
(N + 1)/
(N + M + 2)
(5N + 7 + x%)/(10N + 15),
requires M = N + 1
Table 32. Channel Divider Output Duty Cycle When the
VCO Divider Is Enabled and Set to 1
Input
Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Any
Even
(N + 1)/
(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/
(M + N + 2)
50%, requires M = N + 1
x%
Odd
(N + 1)/
(M + N + 2)
(N + 1 + x%)/(2 × N + 3),
requires M = N + 1
Note that the channel divider must be enabled when the VCO
divider = 1.
Table 33. Channel Divider Output Duty Cycle When the
VCO Divider Is Bypassed
Input
Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Any
Channel
divider
bypassed
Same as input
duty cycle
Same as input duty
cycle
Any
Even
(N + 1)/
(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/
(M + N + 2)
50%, requires M = N + 1
x%
Odd
(N + 1)/
(M + N + 2)
(N + 1 + x%)/(2 × N + 3),
requires M = N + 1
If the CLK input is routed directly to the output, the duty cycle of
the output is the same as the CLK input.
Phase Offset or Coarse Time Delay
Each channel divider allows for a phase offset, or a coarse time
delay, to be programmed by setting register bits (see Table 34).
These settings determine the number of cycles (successive rising
edges) of the channel divider input frequency by which to offset, or
delay, the rising edge of the output of the divider. This delay is
with respect to a nondelayed output (that is, with a phase offset
of zero). The amount of the delay is set by five bits loaded into
the phase offset (PO) register plus the start high (SH) bit for
each channel divider. When the start high bit is set, the delay is
also affected by the number of low cycles (M) programmed for
the divider.
It is necessary to use the SYNC function to make phase offsets
effective (see the Synchronizing the Outputs— Function
section).
Table 34. Setting Phase Offset and Division
Divider
Start
High (SH)
Phase
Offset (PO)
Low Cycles
M
High Cycles
N
0
0x191[4]
0x191[3:0]
0x190[7:4]
0x190[3:0]
1
0x194[4]
0x194[3:0]
0x193[7:4]
0x193[3:0]
2
0x197[4]
0x197[3:0]
0x196[7:4]
0x196[3:0]
3
0x19A[4]
0x19A[3:0]
0x199[7:4]
0x199[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com