Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
AD9520-5
Rev. 0 | Page 30 of 80
Phase-Locked Loop (PLL)
PROGRAMMABLE
N DELAY
CLK
CLK
STATUS
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
ZERO DELAY BLOCK
FROM CHANNEL
DIVIDER 0
VS_DRV
REFIN
REF1
REF2
BUF
AMP
REFERENCE
SWITCHOVER
REF_SEL
REFIN
STATUS
STATUS
OPTIONAL
Figure 28. PLL Functional Block Diagram
The AD9520 includes on-chip PLL blocks that can be used with
an external VCO or VCXO to create a complete phase-locked
loop. The PLL requires an external loop filter, which usually
consists of a small number of capacitors and resistors. The
configuration and components of the loop filter help to
establish the loop bandwidth and stability of the PLL.
The AD9520 PLL is useful for generating clock frequencies
from a supplied reference frequency. This includes conversion
of reference frequencies to much higher frequencies for subsequent
division and distribution. In addition, the PLL can be used to
clean up jitter and phase noise on a noisy reference. The exact
choice of PLL parameters and loop dynamics is application specific.
The flexibility and depth of the AD9520 PLL allow the part to
be tailored to function in many different applications and signal
environments.
Configuration of the PLL
Configuration of the PLL is accomplished by programming
the various settings for the R divider, N divider, PFD polarity,
and charge pump current. The combination of these settings
determines the PLL loop bandwidth. These are managed through
programmable register settings (see Table 44 and Table 48) and
by the design of the external loop filter.
Successful PLL operation and satisfactory PLL loop performance
are highly dependent on proper configuration of the PLL
settings, and the design of the external loop filter is crucial to
the proper operation of the PLL.
ADIsimCLK™ is a free program that can help with the design
and exploration of the capabilities and features of the AD9520,
including the design of the PLL loop filter. The AD9516 model
found in ADIsimCLK Version 1.2 can also be used for modeling
the AD9520 loop filter. It is available at www.analog.com/clocks.
Phase Frequency Detector (PFD)
The PFD takes inputs from the R divider and the N divider and
produces an output proportional to the phase and frequency
difference between them. The PFD includes a programmable
delay element that controls the width of the antibacklash pulse.
This pulse ensures that there is no dead zone in the PFD
transfer function and minimizes phase noise and reference
spurs. The antibacklash pulse width is set by 0x017[1:0].
An important limit to keep in mind is the maximum frequency
allowed into the PFD. The maximum input frequency into the
PFD is a function of the antibacklash pulse setting, as specified
in the phase/frequency detector (PFD) parameter in Table 2.
Charge Pump (CP)
The charge pump is controlled by the PFD. The PFD monitors
the phase and frequency relationship between its two inputs and
tells the CP to pump up or pump down to charge or discharge the
integrating node (part of the loop filter). The integrated and
filtered CP current is transformed into a voltage that drives the
tuning node of the external VCO to move the VCO frequency
up or down. The CP can be set (0x010[3:2]) for high impedance
(allows holdover operation), for normal operation (attempts to
lock the PLL loop), for pump-up, or for pump-down (test modes).
The CP current is programmable in eight steps from (nominally)
0.6 mA to 4.8 mA. The exact value of the CP current LSB is set
by the CPRSET resistor, which is nominally 5.1 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com