Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 9Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 10Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 11Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 12Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 13Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 14Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
AD9520-5
Rev. 0 | Page 11 of 80
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using an
external 245.76 MHz VCXO (Toyocom TCO-2112);
reference = 15.36 MHz; R DIV = 1
LVPECL = 245.76 MHz; PLL LBW = 125 Hz
54
fs rms
Integration BW = 200 kHz to 5 MHz
77
fs rms
Integration BW = 200 kHz to 10 MHz
109
fs rms
Integration BW = 12 kHz to 20 MHz
LVPECL = 122.88 MHz; PLL LBW = 125 Hz
79
fs rms
Integration BW = 200 kHz to 5 MHz
114
fs rms
Integration BW = 200 kHz to 10 MHz
163
fs rms
Integration BW = 12 kHz to 20 MHz
LVPECL = 61.44 MHz; PLL LBW = 125 Hz
124
fs rms
Integration BW = 200 kHz to 5 MHz
176
fs rms
Integration BW = 200 kHz to 10 MHz
259
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER NOT USED)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include the PLL;
measured at rising edge of clock signal
CLK = 622.08 MHz
46
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVPECL Output = 622.08 MHz
Divide Ratio = 1
CLK = 622.08 MHz
64
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVPECL Output = 155.52 MHz
Divide Ratio = 4
CLK = 1000 MHz
223
fs rms
Calculated from SNR of ADC method
Any LVPECL Output = 100 MHz
Broadband jitter
Divide Ratio = 10
CLK = 500 MHz
209
fs rms
Calculated from SNR of ADC method
Any LVPECL Output = 100 MHz
Broadband jitter
Divide Ratio = 5
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include the PLL
CLK = 200 MHz
325
fs rms
Calculated from SNR of ADC method
Any CMOS Output Pair = 100 MHz
Broadband jitter
Divide Ratio = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com