Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
AD9520-5
Rev. 0 | Page 43 of 80
12
3
4
5
6
7
8
910
INPUT TO VCO DIVIDER
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
1
11
12
13
14
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 39. SYNC Timing Pipeline Delay When VCO Divider Is Used
INPUT TO CLK
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT
12
3
4
5
6
7
8
910
11
12
13
14
1
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 40. SYNC Timing Pipeline Delay When VCO Divider Is Not Used
LVPECL Output Drivers
The LVPECL differential voltage (VOD) is selectable (from
~400 mV to 960 mV, see Bit 1 and Bit 2 in Register 0x0F0 to
Register 0x0FB). The LVPECL outputs have dedicated pins for
power supply (VS_DRV), allowing a separate power supply to
be used. VS_DRV can be from 2.5 V or from 3.3 V.
The LVPECL output polarity can be set as noninverting or
inverting, which allows for the adjustment of the relative
polarity of outputs within an application without requiring a
board layout change. Each LVPECL output can be powered
down or powered up as needed. Because of the architecture of
the LVPECL output stages, there is the possibility of electrical
overstress and breakdown under certain power-down conditions.
For this reason, the LVPECL outputs have two power-down
modes: total power-down and safe power-down.
In total power-down mode, all output drivers are shut off
simultaneously. This mode must not be used if there is an
external voltage bias network (such as Thevenin equivalent
termination) on the output pins that will cause a dc voltage to
appear at the powered down outputs. However, total power-
down mode is allowed when the LVPECL drivers are terminated
using only pull-down resistors. The total power-down mode is
activated by setting 0x230[1].
The primary power-down mode is the safe power-down mode.
This mode continues to protect the output devices while
powered down. There are three ways to activate safe power-
down mode: individually set the power-down bit for each
driver, power down an individual output channel (all of the
drivers associated with that channel are powered down
automatically), and activate sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com