Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 28Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
AD9520-5
Rev. 0 | Page 31 of 80
PLL External Loop Filter
An example of an external loop filter for the PLL is shown in
Figure 29. A loop filter must be calculated for each desired PLL
configuration. The values of the components depend on the VCO
frequency, the KVCO, the PFD frequency, the charge pump current,
the desired loop bandwidth, and the desired phase margin. The
loop filter affects the phase noise, the loop settling time, and the
loop stability. A basic knowledge of PLL theory is necessary for
understanding loop filter design. ADIsimCLK can help with the
calculation of a loop filter according to the application requirements.
CLK/CLK
EXTERNAL
VCO/VCXO
CHARGE
PUMP
CP
C1
C2
C3
R1
R2
AD9520-5
Figure 29. Example of External Loop Filter for PLL
PLL Reference Inputs
The AD9520 features a flexible PLL reference input circuit that
allows a fully differential input, two separate single-ended inputs,
or a 16.67 MHz to 33.33 MHz crystal oscillator with an on-chip
maintaining amplifier. An optional reference clock doubler
can be used to double the PLL reference frequency. The input
frequency range for the reference inputs is specified in Table 2.
Both the differential and the single-ended inputs are self-biased,
allowing for easy ac coupling of input signals.
Either a differential or a single-ended reference must be specifically
enabled. All PLL reference inputs are off by default.
The differential input and the single-ended inputs share two pins,
REFIN (REF1) and REFIN (REF2). The desired reference input
type is selected and controlled by 0x01C (see
and
).
Table 44
Table 48
When the differential reference input is selected, the self-bias
level of the two sides is offset slightly to prevent chattering of
the input buffer when the reference is slow or missing. The
specification for this voltage level can be found in Table 2.
The input hysteresis increases the voltage swing required of
the driver to overcome the offset.
The single-ended inputs can be driven by either a dc-coupled
CMOS level signal or an ac-coupled sine wave or square wave. To
avoid input buffer chatter when a single-ended, ac-coupled input
signal stops toggling, the user can set 0x018[7] to 1b. This shifts the
dc offset bias point down 140 mV. To increase isolation and reduce
power, each single-ended input can be independently powered down.
The differential reference input receiver is powered down when
the differential reference input is not selected or when the PLL
is powered down. The single-ended buffers power down when
the PLL is powered down or when their respective individual
power-down registers are set. When the differential mode is
selected, the single-ended inputs are powered down.
In differential mode, the reference input pins are internally self-
biased so that they can be ac-coupled via capacitors. It is possible to
dc couple to these inputs. If the differential REFIN is driven by
a single-ended signal, the unused side (REFIN) should be
decoupled via a suitable capacitor to a quiet ground.
shows the equivalent circuit of REFIN.
Figure 30
VS
REF1
REF2
REFIN
150Ω
150Ω
10kΩ
12kΩ
10kΩ
10kΩ
REFIN
85kΩ
VS
85kΩ
VS
Figure 30. REFIN Equivalent Circuit for Non-XTAL Mode
Crystal mode is nearly identical to differential mode. The user
enables a maintaining amplifier by setting the Enable XTAL
OSC bit, and putting a series resonant, AT fundamental cut
crystal across the REFIN/REFIN pins.
Reference Switchover
The AD9520 supports dual single-ended CMOS inputs, as well
as a single differential reference input. In the dual single-ended
reference mode, the AD9520 supports automatic and manual
PLL reference clock switching between REF1 (on Pin REFIN)
and REF2 (on Pin REFIN). This feature supports networking
and other applications that require redundant references.
The AD9520 features a dc offset option in single-ended mode.
This option is designed to eliminate the risk of the reference
inputs chattering when they are ac-coupled and the reference
clock disappears. When using the reference switchover, the
single-ended reference inputs should be dc-coupled CMOS
levels (with the AD9520 dc offset feature disabled). Alternatively,
the inputs can be ac-coupled and the dc offset feature enabled.
The user should keep in mind, however, that the minimum
input amplitude for the reference inputs is greater when the dc
offset is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com