Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9520-5/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-5/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9520-5/PCBZ Datasheet HTML 29Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 30Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 31Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 32Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 33Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 34Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 35Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-5/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
AD9520-5
Rev. 0 | Page 33 of 80
R and N Divider Delays
Both the R and N dividers feature a programmable delay cell.
These delays can be enabled to allow adjustment of the phase
relationship between the PLL reference clock and the VCO or
CLK. Each delay is controlled by three bits. The total delay
range is about 1 ns. See 0x019 in Table 2 and Table 48.
Digital Lock Detect (DLD)
By selecting the proper output through the mux on each pin, the
DLD function is available at the LD, STATUS, and REFMON pins.
The digital lock detect circuit indicates a lock when the time
difference of the rising edges at the PFD inputs is less than a
specified value (the lock threshold). The loss of a lock is indicated
when the time difference exceeds a specified value (the unlock
threshold). Note that the unlock threshold is wider than the
lock threshold, which allows some phase error in excess of the
lock window to occur without chattering on the lock indicator.
The lock detect window timing depends on the value of the
CPRSET resistor, as well as three settings: the digital lock
detect window bit (0x018[4]), the antibacklash pulse width
bit (0x017[1:0], see Table 2), and the lock detect counter
(0x018[6:5]). The lock and unlock detection values in Table 2
are for the nominal value of CPRSET = 5.11 kΩ. Doubling the
CPRSET value to 10 kΩ doubles the values in Table 2.
A lock is not indicated until there is a programmable number of
consecutive PFD cycles with a time difference less than the lock
detect threshold. The lock detect circuit continues to indicate a
lock until a time difference greater than the unlock threshold
occurs on a single subsequent cycle. For the lock detect to work
properly, the period of the PFD frequency must be greater than
the unlock threshold. The number of consecutive PFD cycles
required for a lock is programmable (0x018[6:5]).
Note that it is possible in certain low (<500 Hz) loop bandwidth,
high phase margin cases that the DLD can chatter during acqui-
sition, which can cause the AD9520 to automatically enter and exit
holdover. To avoid this problem, it is recommended that the
user make provisions for a capacitor to ground on the LD pin so
that current source digital lock detect (CSDLD) mode can be used.
Table 25. How a 10 MHz Reference Input Can Be Locked to Any Integer Multiple of N
fREF (MHz)
R
P
A
B
N
fVCO (MHz)
Mode
Notes
10
1
1
X1
1
1
10
FD
P = 1, B = 1 (bypassed)
10
1
2
X1
1
2
20
FD
P = 2, B = 1 (bypassed)
10
1
1
X1
3
3
30
FD
P = 1, B = 3
10
1
1
X1
4
4
40
FD
P = 1, B = 4
10
1
1
X1
5
5
50
FD
P = 1, B = 5
10
1
2
X1
3
6
60
FD
P = 2, B = 3
10
1
2
0
3
6
60
DM
P and P + 1 = 2 and 3, A = 0, B = 3
10
1
2
1
3
7
70
DM
P and P + 1 = 2 and 3, A = 1, B = 3
10
1
2
2
3
8
80
DM
P and P + 1 = 2 and 3, A = 2, B = 3
10
1
2
1
4
9
90
DM
P and P + 1 = 2 and 3, A = 1, B = 4
10
1
2
X1
5
10
100
FD
P = 2, B = 5
10
1
2
0
5
10
100
DM
P and P + 1 = 2 and 3, A = 0, B = 5
10
1
2
1
5
11
110
DM
P and P + 1 = 2 and 3, A = 1, B = 5
10
1
2
X1
6
12
120
FD
P = 2, B = 6
10
1
2
0
6
12
120
DM
P and P + 1 = 2 and 3, A = 0, B = 6
10
1
4
0
3
12
120
DM
P and P + 1 = 4 and 5, A = 0, B = 3
10
1
4
1
3
13
130
DM
P and P + 1 = 4 and 5, A = 1, B = 3
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com