Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 28Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 29Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 30Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 31Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 32Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 33Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 34Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 35Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 32 of 148
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, or normal operating mode, VSWOUT is connected to VDD.
All of the analog circuitry and digital circuitry powered by
VINTD and VINTA are enabled by default. In normal mode, the
default clock frequency, fCORE, which is established during a
power-on reset or software reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1, or battery mode, VSWOUT is connected to VBAT. In this
operating mode, the 8052 core and all of the digital circuitry are
enabled by default. The analog circuitry for the ADE energy
metering DSP powered by VINTA is disabled. This analog circuitry
automatically restarts, and the switch to the VDD power supply
occurs when the VDD supply is >2.75 V and the PWRDN bit in
the MODE1 register (Address 0x0B) is cleared (see Table 32). The
default fCORE for PSM1, established during a power-on reset or
software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSWOUT is connected to VBAT. All of the
2.5 V digital and analog circuitry powered through VINTA and VINTD
isdisabled, including the MCU core, resulting in the following:
•
The RAM in the MCU is no longer valid.
•
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from where
it left off but always starts from the power-on reset vector
when the ADE5166/ADE5169 exit PSM2.
The 3.3 V peripherals (temperature ADC, VDCIN ADC, RTC,
and LCD) are active in PSM2. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 28 for more
information about the individual peripherals and their PSM2
configuration). The ADE5166/ADE5169 remain in PSM2 until
an event occurs to wake them up.
In PSM2, the ADE5166/ADE5169 provide four scratch pad
RAM SFRs that are maintained during this mode. These SFRs
can be used to save data from PSM0 or PSM1 mode when
entering PSM2 mode (see Table 21 to Table 24).
In PSM2 mode, the ADE5166/ADE5169 maintain some SFRs
(see Table 27). The SFRs that are not listed in this table should
be restored when the part enters PSM0 or PSM1 mode from
PSM2 mode.
Table 27. SFRs Maintained in PSM2
I/O Configuration
Power Supply Management
RTC Peripherals
LCD Peripherals
Interrupt pins configuration SFR
(INTPR, Address 0xFF); see
Table 16.
Battery detection threshold SFR
(BATVTH, Address 0xFA); see
Table 52.
RTC nominal compensation SFR
(RTCCOMP, Address 0xF6); see Table 131.
LCD Segment Enable 2 SFR
(LCDSEGE2, Address 0xED); see
Table 100.
Peripheral configuration SFR
(PERIPH, Address 0xF4); see
Table 19.
Battery switchover configuration
SFR (BATPR, Address 0xF5); see
Table 18.
RTC temperature compensation SFR
(TEMPCAL, Address 0xF7); see Table 132.
LCD Configuration Y SFR
(LCDCONY, Address 0xB1); see
Table 93.
Port 0 weak pull-up enable SFR
(PINMAP0, Address 0xB2); see
Table 162.
Battery ADC value SFR (BATADC,
Address 0xDF); see Table 54.
RTC configuration SFR (TIMECON, Address
0xA1); see Table 127.
LCD Configuration X SFR
(LCDCONX, Address 0x9C); see
Table 91.
Port 1 weak pull-up enable SFR
(PINMAP1, Address 0xB3); see
Table 163.
Peripheral ADC strobe period SFR
(STRBPER, Address 0xF9); see
Table 49.
RTC Configuration 2 SFR (TIMECON2,
Address 0xA2); see Table 128.
LCD configuration SFR
(LCDCON, Address 0x95); see
Table 90.
Port 2 weak pull-up enable SFR
(PINMAP2, Address 0xB4); see
Table 164.
Temperature and supply delta
SFR (DIFFPROG, Address 0xF3);
see Table 50.
All indirectly accessible registers defined
in the RTC register list; see Table 134.
LCD clock SFR (LCDCLK,
Address 0x96); see Table 94.
Scratch Pad 1 SFR (SCRATCH1,
Address 0xFB); see Table 21.
VDCIN ADC value SFR (VDCINADC,
Address 0xEF); see Table 53.
LCD segment enable SFR
(LCDSEGE, Address 0x97); see
Table 97.
Scratch Pad 2 SFR (SCRATCH2,
Address 0xFC); see Table 22.
Temperature ADC value SFR
(TEMPADC, Address 0xD7); see
Table 55.
LCD Pointer SFR (LCDPTR,
Address 0xAC); see Table 98.
Scratch Pad 3 SFR (SCRATCH3,
Address 0xFD); see Table 23.
LCD data SFR (LCDDAT,
Address 0xAE); see Table 99.
Scratch Pad 4 SFR (SCRATCH4,
Address 0xFE); see Table 24
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com