Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 94 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 90Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 91Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 92Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 93Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 94Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 95Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 96Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 97Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 94 of 148
Table 95. LCD Frame Rate Selection for fLCDCLK = 2048 Hz (LCDCON[3] = 0)
2× Multiplexing
3× Multiplexing
4× Multiplexing
FD3
FD2
FD1
FD0
fLCD (Hz)
Frame Rate (Hz)
fLCD (Hz)
Frame Rate (Hz)
fLCD (Hz)
Frame Rate (Hz)
0
0
0
1
256
1281
341.3
170.71
512
1281
0
0
1
0
170.7
85.3
341.3
113.81
341.3
85.3
0
0
1
1
128
64
256
85.3
256
64
0
1
0
0
102.4
51.2
204.8
68.3
204.8
51.2
0
1
0
1
85.3
42.7
170.7
56.9
170.7
42.7
0
1
1
0
73.1
36.6
146.3
48.8
146.3
36.6
0
1
1
1
64
32
128
42.7
128
32
1
0
0
0
56.9
28.5
113.8
37.9
113.8
28.5
1
0
0
1
51.2
25.6
102.4
34.1
102.4
25.6
1
0
1
0
46.5
23.25
93.1
31
93.1
23.25
1
0
1
1
42.7
21.35
85.3
28.4
85.3
21.35
1
1
0
0
39.4
19.7
78.8
26.3
78.8
19.7
1
1
0
1
36.6
18.3
73.1
24.4
73.1
18.3
1
1
1
0
34.1
17.05
68.3
22.8
68.3
17.05
1
1
1
1
32
16
64
21.3
64
16
0
0
0
0
16
8
32
10.7
32
8
1 Not within the range of typical LCD frame rates.
Table 96. LCD Frame Rate Selection for fLCDCLK = 128 Hz (LCDCON[3] = 1)
2× Multiplexing
3× Multiplexing
4× Multiplexing
FD3
FD2
FD1
FD0
fLCD (Hz)
Frame Rate (Hz)
fLCD (Hz)
Frame Rate (Hz)
fLCD (Hz)
Frame Rate (Hz)
0
0
0
1
32
161
32
10.7
32
8
0
0
1
0
21.3
10.6
32
10.7
32
8
0
0
1
1
16
8
32
10.7
32
8
0
1
0
0
16
8
32
10.7
32
8
0
1
0
1
16
8
32
10.7
32
8
0
1
1
0
16
8
32
10.7
32
8
0
1
1
1
16
8
32
10.7
32
8
1
0
0
0
16
8
32
10.7
32
8
1
0
0
1
16
8
32
10.7
32
8
1
0
1
0
16
8
32
10.7
32
8
1
0
1
1
16
8
32
10.7
32
8
1
1
0
0
16
8
32
10.7
32
8
1
1
0
1
16
8
32
10.7
32
8
1
1
1
0
16
8
32
10.7
32
8
1
1
1
1
128
64
128
42.7
128
32
0
0
0
0
64
32
64
21.3
64
16
1 Not within the range of typical LCD frame rates.
Table 97. LCD Segment Enable SFR (LCDSEGE, Address 0x97)
Bit
Mnemonic
Default
Description
7
FP25EN
0
FP25 function select bit. 0 = general-purpose I/O, 1 = LCD function.
6
FP24EN
0
FP24 function select bit. 0 = general-purpose I/O, 1 = LCD function.
5
FP23EN
0
FP23 function select bit. 0 = general-purpose I/O, 1 = LCD function.
4
FP22EN
0
FP22 function select bit. 0 = general-purpose I/O, 1 = LCD function.
3
FP21EN
0
FP21 function select bit. 0 = general-purpose I/O, 1 = LCD function.
2
FP20EN
0
FP20 function select bit. 0 = general-purpose I/O, 1 = LCD function.
[1:0]
Reserved
0
These bits must be kept at 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com