Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 20Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 21Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 22Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 23Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 24Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 25Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 26Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 27Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 24 of 148
POWER MANAGEMENT
The ADE5166/ADE5169 have elaborate power management
circuitry that manages the regular power supply to battery
switchover and power supply failures.
The power management functionalities can be accessed directly
through the 8052 SFRs (see Table 15).
Table 15. Power Management SFRs
SFR Address
R/W
Mnemonic
Description
0xEC
R/W
IPSME
Power management interrupt enable (see Table 20).
0xF5
R/W
BATPR
Battery switchover configuration (see Table 18).
0xF8
R/W
IPSMF
Power management interrupt flag (see Table 17).
0xFF
R/W
INTPR
Interrupt pins configuration (see Table 16).
0xF4
R/W
PERIPH
Peripheral configuration (see Table 19).
0xC5
R/W
POWCON
Power control (see Table 25).
0xFB
R/W
SCRATCH1
Scratch Pad 1 (see Table 21).
0xFC
R/W
SCRATCH2
Scratch Pad 2 (see Table 22).
0xFD
R/W
SCRATCH3
Scratch Pad 3 (see Table 23).
0xFE
R/W
SCRATCH4
Scratch Pad 4 (see Table 24).
POWER MANAGEMENT REGISTER DETAILS
Table 16. Interrupt Pins Configuration SFR (INTPR, Address 0xFF)
Bit
Mnemonic
Default
Description
7
RTCCAL
0
Controls RTC calibration output. When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
[6:5]
FSEL
00
Sets RTC calibration output frequency and calibration window.
FSEL
Result (Calibration Window, Frequency)
00
30.5 sec, 1 Hz
01
30.5 sec, 512 Hz
10
0.244 sec, 500 Hz
11
0.244 sec, 16 kHz
4
Reserved
N/A
[3:1]
INT1PRG
000
Controls the function of INT1.
INT1PRG
Result
X00
GPIO enabled
X01
BCTRL enabled
01X
INT1 input disabled
11X
INT1 input enabled
0
INT0PRG
0
Controls the function of INT0.
INT0PRG
Result
0
INT0 input disabled
1
INT0 input enabled
Writing to the Interrupt Pins Configuration SFR (INTPR, Address 0xFF)
To protect the RTC from runaway code, a key must be written to the key SFR (KYREG, Address 0xC1) to obtain write access to INTPR.
KYREG (see Table 125) should be set to 0xEA to unlock this SFR and reset to 0 after a timekeeping register is written to. The RTC registers
can be written using the following 8052 assembly code:
MOV
KYREG, #0EAh
MOV
INTPR, #080h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com