Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 68 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 64Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 65Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 66Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 67Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 68Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 69Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 70Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 71Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 68 of 148
TEMPERATURE, BATTERY, AND SUPPLY VOLTAGE MEASUREMENTS
The ADE5166/ADE5169 include temperature measurements as
well as battery and supply voltage measurements. These measure-
ments enable many forms of compensation. The temperature and
supply voltage measurements can be used to compensate external
circuitry. The RTC can be calibrated over temperature to ensure
that it does not drift. Supply voltage measurements allow the LCD
contrast to be maintained despite variations in voltage. Battery
measurements allow low battery detection to be performed.
All ADC measurements are configured through the SFRs, as
shown in Table 48.
The temperature, battery, and supply voltage measurements
can be configured to continue functioning in PSM1 and PSM2.
Keeping the temperature measurement active ensures that it is
not necessary to wait for the temperature measurement to settle
before using it for compensation.
Table 48. Temperature, Battery, and Supply Voltage Measurement SFRs
SFR
Address
R/W
Mnemonic
Description
0xF9
R/W
STRBPER
Peripheral ADC strobe period (see Table 49).
0xF3
R/W
DIFFPROG
Temperature and supply delta (see Table 50).
0xD8
R/W
ADCGO
Start ADC measurement (see Table 51).
0xFA
R/W
BATVTH
Battery detection threshold (see Table 52).
0xEF
R/W
VDCINADC
VDCIN ADC value (see Table 53).
0xDF
R/W
BATADC
Battery ADC value (see Table 54).
0xD7
R/W
TEMPADC
Temperature ADC value (see Table 55).
Table 49. Peripheral ADC Strobe Period SFR (STRBPER, Address 0xF9)
Bit
Mnemonic
Default
Description
[7:6]
Reserved
00
These bits must be kept at 0 for proper operation.
[5:4]
VDCIN_PERIOD
0
Period for background external voltage measurements.
VDCIN_PERIOD
Result
00
No VDCIN measurement
01
8 min
10
2 min
11
1 min
[3:2]
BATT_PERIOD
0
Period for background battery level measurements.
BATT_PERIOD
Result
00
No battery measurement
01
16 min
10
4 min
11
1 min
[1:0]
TEMP_PERIOD
0
Period for background temperature measurements.
TEMP_PERIOD
Result
00
No temperature measurement
01
8 min
10
2 min
11
1 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com