Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 49Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 50Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 51Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 52Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 53Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 54Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 55Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 56Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 53 of 148
Voltage Channel RMS Calculation
Figure 58 shows details of the signal processing chain for the
rms calculation on the voltage channel. This voltage rms esti-
mation is done in the ADE5166/ADE5169 using the mean
absolute value calculation, as shown in Figure 58. The voltage
channel rms value is processed from the samples used in the
voltage channel waveform sampling mode and is stored in the
unsigned 24-bit Vrms register.
The update rate of the voltage channel rms measurement is
MCLK/5. To minimize noise in the reading of the register, the
Vrms register can also be configured to update only with the zero
crossing of the voltage input. This configuration is done by setting
the ZXRMS bit (Bit 2) in the MODE2 register (Address 0x0C).
With the specified full-scale ac analog input signal of 0.5 V, the
output from the LPF1 in Figure 58 swings between 0x28F5 and
0xD70B at 60 Hz (see the Voltage Channel ADC section). The
equivalent rms value of this full-scale ac signal is approximately
0d1,898,124 (0x1CF68C) in the Vrms register. The voltage rms
measurement provided in the ADE5166/ADE5169 is accurate to
within ±0.5% for signal input between full scale and full scale/20.
The conversion from the register value to volts must be done
externally in the microprocessor using a V/LSB constant.
Voltage Channel RMS Offset Compensation
The ADE5166/ADE5169 incorporate a voltage channel rms
offset compensation register (VRMSOS). This is a 12-bit signed
register that can be used to remove offset in the voltage channel
rms calculation. An offset can exist in the rms calculation due
to input noises and dc offset in the input samples. One LSB of
the voltage channel rms offset is equivalent to 64 LSBs of the
rms register. Assuming that the maximum value from the
voltage channel rms calculation is 0d1,898,124 with full-scale ac
inputs, then 1 LSB of the voltage channel rms offset represents
3.37% of measurement error at −60 dB down of full scale.
Vrms = Vrms0 + 64 × VRMSOS
(5)
where Vrms0 is the rms measurement without offset correction.
ACTIVE POWER CALCULATION
Active power is defined as the rate of energy flow from source
to load. It is the product of the voltage and current waveforms.
The resulting waveform is called the instantaneous power signal
and is equal to the rate of energy flow at every instant of time.
The unit of power is the watt or joules/second. Equation 8 gives an
expression for the instantaneous power signal in an ac system.
()
)
sin(
2
t
V
t
v
ω
×
=
(6)
()
)
sin(
2
t
I
t
i
ω
×
=
(7)
where:
v is the rms voltage.
i is the rms current.
)
(
)
(
)
(
t
i
t
v
t
p
×
=
)
2
cos(
)
(
t
VI
VI
t
p
ω
−
=
(8)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 9.
∫
=
=
nT
VI
dt
t
p
nT
P
0
)
(
1
(9)
where:
T is the line cycle period.
P is referred to as the active or real power.
Note that the active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 9, that is, VI. This
is the relationship used to calculate active power in the ADE5166/
ADE5169. The instantaneous power signal p(t) is generated by
multiplying the current and voltage signals. The dc component of
the instantaneous power signal is then extracted by LPF2 (low-pass
filter) to obtain the active power information (see Figure 59).
INSTANTANEOUS
POWER SIGNAL
p(t) = v × i – v × i × cos(2ωt)
ACTIVE REAL POWER
SIGNAL = v × i
0x19999A
VI
0xCCCCD
0x00000
CURRENT
i(t) = √2 × i × sin(ωt)
VOLTAGE
v(t) = √2 × v × sin(ωt)
Figure 59. Active Power Calculation
Because LPF2 does not have an ideal brick wall frequency response
(see Figure 60), the active power signal has some ripple due to
the instantaneous power signal. This ripple is sinusoidal and has
a frequency equal to twice the line frequency. Because of its
sinusoidal nature, the ripple is removed when the active power
signal is integrated to calculate energy (see the Active Energy
Calculation section).
FREQUENCY (Hz)
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
Figure 60. Frequency Response of LPF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com