Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 10Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 11Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 12Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 13Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 14Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 15Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 16Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 17Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 14 of 148
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 11.
Parameter
Rating
VDD to DGND
−0.3 V to +3.7 V
VBAT to DGND
−0.3 V to +3.7 V
VDCIN to DGND
−0.3 V to VSWOUT + 0.3 V
Input LCD Voltage to AGND, LCDVA,
LCDVB, LCDVC1
−0.3 V to VSWOUT + 0.3 V
Analog Input Voltage to AGND, VP, VN, IPA,
and IN
−2 V to +2 V
Digital Input Voltage to DGND
−0.3 V to VSWOUT + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VSWOUT + 0.3 V
Operating Temperature Range (Industrial)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
64-Lead LQFP, Power Dissipation
Lead Temperature (Soldering, 30 sec)
300°C
1 When used with external resistor divider.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 12. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead LQFP
60
20.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com