Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 1 Page - Analog Devices

  ADE8052Z-DWDL1 Datasheet HTML 1Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 2Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 3Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Single-Phase Energy Measurement IC with
8052 MCU, RTC, and LCD Driver
ADE5166/ADE5169
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
GENERAL FEATURES
Wide supply voltage operation: 2.4 V to 3.7 V
Internal bipolar switch between regulated and battery inputs
Ultralow power operation with power saving modes (PSM)
Full operation: 4 mA to 1.6 mA (PLL clock dependent)
Battery mode: 3.2 mA to 400 μA (PLL clock dependent)
Sleep mode
Real-time clock (RTC) mode: 1.5 μA
RTC and LCD mode: 38 μA (LCD charge pump enabled)
Reference: 1.2 V ± 0.1% (10 ppm/°C drift)
64-lead RoHS package options
Low profile quad flat package (LQFP)
Operating temperature range: −40°C to +85°C
ENERGY MEASUREMENT FEATURES
Proprietary analog-to-digital converters (ADCs) and digital
signal processing (DSP) provide high accuracy active
(watt), reactive (var), and apparent energy (volt-ampere
(VA)) measurement
<0.1% error on active energy over a dynamic range of
1000 to 1 @ 25°C
<0.5% error on reactive energy over a dynamic range of
1000 to 1 @ 25°C (ADE5169 only)
<0.5% error on root mean square (rms) measurements
over a dynamic range of 500 to 1 for current (Irms) and
100 to 1 for voltage (Vrms) @ 25°C
Supports IEC 62053-21, IEC 62053-22, IEC 62053-23,
EN 50470-3 Class A, Class B, and Class C, and ANSI C12-16
Differential input with programmable gain amplifiers (PGAs)
supports shunts, current transformers, and di/dt current
sensors
2 current inputs for antitamper detection in the ADE5169
High frequency outputs proportional to Irms, active, reactive,
or apparent power (AP)
Table 1. Features Available on Each Part
Feature
Part No.
Antitamper
ADE5166, ADE5169
WATT, VA, Irms, Vrms
ADE5166, ADE5169
VAR
ADE5169
di/dt Sensor
ADE5169
MICROPROCESSOR FEATURES
8052-based core
Single-cycle 4 MIPS 8052 core
8052-compatible instruction set
32.768 kHz external crystal with on-chip PLL
2 external interrupt sources
External reset pin
Low power battery mode
Wake-up from I/O, temperature change, alarm, and
universal asynchronous receiver/transmitter (UART)
LCD driver operation with automatic scrolling
Temperature measurement
Real-time clock (RTC)
Counter for seconds, minutes, hours, days, months,
and years
Date counter, including leap year compensation
Automatic battery switchover for RTC backup
Operation down to 2.4 V
Ultralow battery supply current: 1.5 μA
Selectable output frequency: 1 Hz to 16 kHz
Embedded digital crystal frequency compensation for
calibration and temperature variation of 2 ppm resolution
Integrated LCD driver
104-segment driver for the ADE5166 and ADE5169
2×, 3×, or 4× multiplexing
4 LCD memory banks for screen scrolling
LCD voltages generated internally or with external resistors
Internal adjustable drive voltages up to 5 V independent
of power supply level
On-chip peripherals
2 independent UART interfaces
SPI or I2C
Watchdog timer
Power supply management with user-selectable levels
Memory: 62 kB flash memory, 2.256 kB RAM
Development tools
Single-pin emulation
IDE-based assembly and C-source debugging


Similar Part No. - ADE8052Z-DWDL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE8052Z-DWDL1 AD-ADE8052Z-DWDL1 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE8052Z-DWDL1 AD-ADE8052Z-DWDL1 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results

Similar Description - ADE8052Z-DWDL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
ADE75 AD-ADE75 Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrE 01/07
ADE7569 AD-ADE7569 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com