Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 4 Page - Analog Devices

  ADE8052Z-DWDL1 Datasheet HTML 1Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 2Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 3Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 4 of 148
GENERAL DESCRIPTION
The ADE5166/ADE51691 integrate the Analog Devices, Inc.,
energy (ADE) metering IC analog front end and fixed function
DSP solution with an enhanced 8052 MCU core, a full RTC, an
LCD driver, and all the peripherals to make an electronic energy
meter with an LCD display in a single part.
The ADE measurement core includes active, reactive, and apparent
energy calculations, as well as voltage and current rms measure-
ments. This information is accessible for energy billing by using the
built-in energy scalars. Many power line supervisory features such
as SAG, peak, and zero crossing are included in the energy
measurement DSP to simplify energy meter design.
The microprocessor functionality includes a single-cycle 8052 core,
a full RTC with a power supply backup pin, an SPI or I2C®
interface, and two independent UART interfaces. The ready-to-
use information from the ADE core reduces the requirement for
program memory size, making it easy to integrate complicated
design into 62 kB of flash memory.
The ADE5166/ADE5169 include a 104-segment LCD driver with
the capability to store up to four LCD screens in memory. This
driver generates voltages capable of driving LCDs up to 5 V.
1 Patents pending.
FUNCTIONAL BLOCK DIAGRAM
IPA
IN
VP
VN
ENERGY
MEASUREMENT
DSP
OSC
COM0
...
...
COM3
3V/5V LCD
CHARGE PUMP
SINGLE
CYCLE
8052
MCU
ADE5166/ADE5169
VBAT
DGND
AGND
LCDVA
LCDVB
LCDVC
FP0
FP15
RTC
LCDVP1
LCDVP2
FP16
FP17
FP23
FP22
FP21
FP20
FP19
FP18
FP25
FP24
1.20V
REF
52
53
49
50
IPB 55
63
54
58
64
61
60
46
47
48
45
5
6
FP28
FP27
2
1
7
8
9
10
11
12
13
14
20
35
1
4
15
17
18
16
19
44
14
13
12
57
43 42
39 38 7
6
45 11 43 42 41 40 39 38
37 36 5
6
7
8
9 10
38 39 40 41
PGA2
–
+
PGA1
–
+
PGA1
–
+
ADC
ADC
ADC
TEMP
ADC
VSW
ADC
PROGRAM MEMORY
62kB FLASH
POWER SUPPLY
CONTROL AND
MONITORING
USER RAM
256 BYTES
USER XRAM
2kB
TEMP
SENSOR
BATTERY
ADC
SPI/I2C
SERIAL
3 × 16-BIT
COUNTER
INTERFACE
TIMERS
104-SEGMENT
LCD DRIVER
WATCHDOG
TIMER
PLL
LDO
UART
SERIAL
PORT
UART2
SERIAL
PORT
UART2
TIMER
62
56
51
44
36
38
37
59
DOWNLOADER
DEBUGGER
LDO
UART
TIMER
POR
P2.0/FP18
P2.1/FP17
P2.2/FP16
P2.3 (SDEN/P2.3/TxD2)
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com