Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 36Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 37Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 38Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 39Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 40Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 41Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 42Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 43Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 40 of 148
Table 36. Accumulation Mode Register (ACCMODE, Address 0x0F)
Bit
Mnemonic
Default
Description
7
ICHANNEL
0
This bit indicates the current channel used to measure energy in antitampering mode.
0 = Channel A (IPA).
1 = Channel B (IPB).
6
FAULTSIGN
0
Configuration bit to select the event that triggers a fault interrupt.
0 = a FAULTSIGN interrupt occurs when the part enters fault mode.
1 = a FAULTSIGN interrupt occurs when the part enters normal mode.
5
VARSIGN1
0
Configuration bit to select the event that triggers a reactive power sign interrupt. If cleared to 0,
a VARSIGN interrupt occurs when reactive power changes from positive to negative. If set to 1,
a VARSIGN interrupt occurs when reactive power changes from negative to positive.
4
APSIGN
0
Configuration bit to select event that triggers an active power sign interrupt. If cleared to 0,
an APSIGN interrupt occurs when active power changes from positive to negative. If set to 1,
an APSIGN interrupt occurs when active power changes from negative to positive.
3
ABSVARM1
0
Logic 1 enables absolute value accumulation of reactive power in energy register and pulse output.
2
SAVARM1
0
Logic 1 enables reactive power accumulation depending on the sign of the active power. If
active power is positive, var is accumulated as it is. If active power is negative, the sign of the var
is reversed for the accumulation. This accumulation mode affects both the var registers (VARHR,
RVARHR, LVARHR) and the pulse output when connected to VAR.1
1
POAM
0
Logic 1 enables positive-only accumulation of active power in energy register and pulse output.
0
ABSAM
0
Logic 1 enables absolute value accumulation of active power in energy register and pulse output.
1 This function is not available in the ADE5166.
Table 37. Gain Register (GAIN, Address 0x1B)
Bit
Mnemonic
Default
Description
[7:5]
PGA2
000
These bits define the voltage channel input gain.
PGA2
Result
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
4
Reserved
0
Reserved.
3
CFSIGN_OPT
0
This bit defines where the CF change of sign detection (APSIGN or VARSIGN) is implemented.
CFSIGN_OPT
Result
0
Filtered power signal
1
On a per CF pulse basis
[2:0]
PGA1
000
These bits define the current channel input gain.
PGA1
Result
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
Table 38. Mode 3 Register (MODE3 Address 0x2B)
Bit
Mnemonic
Default
Description
[7:2]
Reserved
0
Reserved.
1
ZX1
0
Setting this bit enables the zero crossing output signal on P1.2.
0
ZX2
0
Setting this bit enables the zero crossing output signal on P0.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com