Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 70Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 71Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 72Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 73Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 74Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 75Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 76Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 77Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 74 of 148
Table 58. Program Control SFR (PCON, Address 0x87)
Bit
Mnemonic
Default
Description
7
SMOD
0
Double baud rate control.
[6:0]
Reserved
0
Reserved. These bits must be kept at 0 for proper operation.
Table 59. Data Pointer Low SFR (DPL, Address 0x82)
Bit
Mnemonic
Default
Description
[7:0]
DPL
0
These bits contain the low byte of the data pointer.
Table 60. Data Pointer High SFR (DPH, Address 0x83)
Bit
Mnemonic
Default
Description
[7:0]
DPH
0
These bits contain the high byte of the data pointer.
Table 61. Data Pointer SFR (DPTR, Address 0x82 and Address 0x83)
Bit
Mnemonic
Default
Description
[15:0]
DP
0
These bits contain the 2-byte address of the data pointer. DPTR is a combination of the DPH and DPL SFRs.
Table 62. Stack Pointer SFR (SP, Address 0x81)
Bit
Mnemonic
Default
Description
[7:0]
SP
0
These bits contain the eight LSBs of the pointer for the stack.
Table 63. Stack Pointer High SFR (SPH, Address 0xB7)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved. This bit must be set to 1 for proper operation.
6
SBFLG
0
Stack bottom flag.
5
SSA[10]
0
Stack Starting Address Bit 10.
4
SSA[9]
0
Stack Starting Address Bit 9.
3
SSA[8]
1
Stack Starting Address Bit 8.
2
SP[10]
0
Stack Address Bit 10.
1
SP[9]
0
Stack Address Bit 9.
0
SP[8]
1
Stack Address Bit 8.
Table 64. Stack Boundary SFR (STCON, Address 0xBF)
Bit
Mnemonic
Default
Description
[7:3]
WTRLINE
0
Contains the stack waterline setting bits.
2
INT_RST
0
Interrupt/reset selection bit.
INT_RST
Result
0
An interrupt is issued when a stack violation occurs
1
A reset is issued when a stack violation occurs
1
SBE
0
Stack boundary enable bit.
0
WTRLFG
0
Waterline flag.
Table 65. Configuration SFR (CFG, Address 0xAF)
Bit
Mnemonic
Default
Description
7
Reserved
1
Reserved. This bit should be left set for proper operation.
6
EXTEN
0
Enhanced UART enable bit.
EXTEN
Result
0
Standard 8052 UART without enhanced error checking features
1
Enhanced UART with enhanced error checking (see the UART Additional Features section)
5
SCPS
0
Synchronous communication selection bit.
SCPS
Result
0
I2C port is selected for control of the shared I2C/SPI (MOSI, MISO, SCLK, and SS) pins and SFRs
1
SPI port is selected for control of the shared I2C/SPI (MOSI, MISO, SCLK, and SS) pins and SFRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com