Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 41Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 42Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 43Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 44Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 45Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 46Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 47Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 48Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 45 of 148
Voltage Channel ADC
Figure 44 shows the ADC and signal processing chain for the
voltage channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum
of 25.6 kSPS (MCLK/160). The ADC produces an output code
that is approximately between 0x28F5 (+10,485d) and 0xD70B
(−10,485d).
Channel Sampling
The waveform samples of the current ADC and voltage ADC
can also be routed to the waveform registers to be read by the
MCU core. The active, reactive, and apparent power and energy
calculation remain uninterrupted during waveform sampling.
When in waveform sampling mode, one of four output sample
rates can be chosen by using the DTRT[1:0] bits of the WAVMODE
register (see Table 34). The output sample rate can be 25.6 kSPS,
12.8 kSPS, 6.4 kSPS, or 3.2 kSPS. If the WFSM enable bit is set
in the Interrupt Enable 3 SFR (MIRQENH, Address 0xDB), the
8052 core has a pending ADE interrupt. The sampled signals
selected in the WAVMODE register are latched into the waveform
SFRs when the waveform high byte (WAV1H or WAV2H) is read.
The ADE interrupt stays active until the WFSM status bit is
cleared (see the Energy Measurement Interrupts section).
ACTIVE AND REACTIVE
POWER CALCULATION
ANALOG
INPUT
RANGE
HPF
ADC
REFERENCE
V2
0V
0.5V, 0.25V,
0.125V, 62.5mV,
31.3mV
VOLTAGE RMS (Vrms)
CALCULATION
VP
VN
PGA2
V2
VOLTAGE CHANNEL
WAVEFORM
DATA RANGE
0xD70B
0x0000
0x28F5
LPF1
f–3dB = 63.7Hz
MODE1[6]
VOLTAGE PEAK DETECT
×1, ×2, ×4,
×8, ×16
{GAIN[7:5]}
WAVEFORM SAMPLE
REGISTER
ZX DETECTION
ZX SIGNAL
DATA RANGE FOR 60Hz SIGNAL
0xE230
0x0000
0x1DD0
ZX SIGNAL
DATA RANGE FOR 50Hz SIGNAL
0xDFC9
0x0000
0x2037
Figure 44. ADC and Signal Processing in Voltage Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com