Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 3Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 9Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 10Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 7 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LCD, RESISTOR LADDER ACTIVE
Leakage Current
±20
nA
1/2 and 1/3 bias modes, no load
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
ON-CHIP REFERENCE
Nominal 1.2035 V
Reference Error
−2.2
+2.2
mV
TA = 25°C, Fcore = 1.024 MHz
Power Supply Rejection
80
dB
Temperature Coefficient1
10
50
ppm/°C
Fcore = 1.024 MHz
1 These specifications are not production tested but are guaranteed by design and/or characterization data on production release.
2 Delay between ADC conversion request and interrupt set.
DIGITAL INTERFACE
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS1
All Inputs Except XTAL1, XTAL2, BCTRL, INT0,
INT1, RESET
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
BCTRL, INT0, INT1, RESET
Input High Voltage, VINH
1.3
V
Input Low Voltage, VINL
0.8
V
Input Currents
RESET
100
nA
RESET = VSWOUT = 3.3 V
Port 0, Port 1, Port 2
±100
nA
Internal pull-up disabled, input = 0 V or
VSWOUT
−3.75
−8.5
μA
Internal pull-up enabled, input = 0 V,
VSWOUT = 3.3 V
Input Capacitance
10
pF
All digital inputs
FLASH MEMORY
Endurance2
20,000
Cycles
Data Retention3
20
Years
TJ = 85°C
CRYSTAL OSCILLATOR4
Crystal Equivalent Series Resistance
30
50
kΩ
Crystal Frequency
32
32.768
33.5
kHz
XTAL1 Input Capacitance
12
pF
XTAL2 Output Capacitance
12
pF
MCU CLOCK RATE (fCORE)
4.096
MHz
Crystal = 32.768 kHz and CD[2:0] = 0
32
kHz
Crystal = 32.768 kHz and CD[2:0] = 0b111
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 5%
ISOURCE
80
μA
Output Low Voltage, VOL5
0.4
V
VDD = 3.3 V ± 5%
ISINK
2
mA
START-UP TIME6
PSM0 Power-On Time
880
ms
VDD at 2.75 V to PSM0 code execution
From Power Saving Mode 1 (PSM1)
PSM1 to PSM0
130
ms
VDD at 2.75 V to PSM0 code execution
From Power Saving Mode 2 (PSM2)
PSM2 to PSM1
48
ms
Wake-up event to PSM1 code execution
PSM2 to PSM0
186
ms
VDD at 2.75 V to PSM0 code execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com