Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 9Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 10Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 11Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 8 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY INPUTS
VDD
3.13
3.3
3.46
V
VBAT
2.4
3.3
3.7
V
INTERNAL POWER SUPPLY SWITCH (VSWOUT)
VBAT to VSWOUT On Resistance
12
Ω
VBAT = 2.4 V
VDD to VSWOUT On Resistance
9
Ω
VDD = 3.13 V
VBAT to/from VDD Switching Open Time
40
ns
BCTRL State Change and Switch Delay
18
μs
VSWOUT Output Current Drive
6
mA
POWER SUPPLY OUTPUTS
VINTA
2.3
2.70
V
VINTD
2.3
2.70
V
VINTA Power Supply Rejection
60
dB
VINTD Power Supply Rejection
50
dB
POWER SUPPLY CURRENTS
Current in Normal Mode (PSM0)
4.4
5.3
mA
fCORE = 4.096 MHz, LCD and meter active
2.2
mA
fCORE = 1.024 MHz, LCD and meter active
1.6
mA
fCORE = 32.768 kHz, LCD and meter active
3
3.9
mA
fCORE = 4.096 MHz, metering ADC and DSP
powered down
Current in PSM1
3.3
5.05
mA
fCORE = 4.096 MHz, LCD active, VBAT = 3.7 V
1
mA
fCORE = 1.024 MHz, LCD active
Current in PSM2
38
μA
LCD active with charge pump at 3.3 V + RTC,
VBAT = 3.3 V
1.7
μA
RTC only, TA = 25°C, VBAT = 3.3 V
1 Specifications guaranteed by design.
2 Endurance is qualified as per JEDEC Standard 22 Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22 Method A117. Retention lifetime derates with junction temperature.
4 Recommended crystal specifications.
5 Test carried out with all the I/Os set to a low output level.
6 Delay between power supply valid and execution of first instruction by 8052 core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com