Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 105 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 101Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 102Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 103Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 104Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 105Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 106Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 107Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 108Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 105 of 148
Enabling Flash Protection by Emulator Commands
Another way to set the flash protection bytes is to use the reserved
emulator commands available only in download mode. These
commands write directly to the SFRs and can be used to duplicate
the operation described in the Enabling Flash Protection by Code
section. When these flash bytes are written, the part can exit
emulation mode by reset and the protections are effective. This
method can be used in production and implemented after
downloading the program. The commands used for this opera-
tion are an extension of the commands listed in Application
Note uC004, Understanding the Serial Download Protocol,
available at www.analog.com.
•
Command with ASCII Code I or 0x49 writes the data into R0.
•
Command with ASCII Code F or 0x46 writes R0 into the
SFR address defined in the data of this command.
Omitting the protocol defined in the uC004, the sequence to
load protections is similar to the sequence mentioned in the
Enabling Flash Protection by Code section, except that two
emulator commands are necessary to replace one assembly
command. For example, to write the protection value in EADRH
(Address 0xC7), the following two commands must be executed:
•
Command I with data = value of Protection Byte 0x3FFF
•
Command F with data = 0xC7
With this protocol, the protection can be written to the flash
memory using the same sequence as described in the Enabling
Flash Protection by Code section. When the part is reset, the
protection is effective.
Notes on Flash Protection
The flash protection scheme is disabled by default so that none
of the pages of the flash are protected from reading or writing/
erasing.
The last page must be write-/erase-protected for the protection
scheme to work.
To activate the protection settings, the ADE5166/ADE5169
must be reset after configuring the protection.
After configuring protection on the last page and resetting the
part, protections that have been enabled can be removed only
by mass erasing the flash memory. The protection bits are never
truly write protected. Protection bits can be program modified
from a 1 to a 0, even after the last page has been protected. In
this way, more protection can be added, but none can be removed.
When the last page is read protected, the protection bits can still
be read by the user code. All other bits on this page are not
available for reading.
The protection scheme is intended to protect the end system. Pro-
tection should be disabled while developing and emulating code.
Flash Memory Timing
Typical program and erase times for the flash memory are
shown in Table 110.
Table 110. Flash Memory Program and Erase Times
Command
Bytes Affected
Flash Memory Timing
Write Byte
1 byte
30 μs
Erase Page
512 bytes
20 ms
Erase All
62 kB
2.5 sec
Read Byte
1 byte
100 ns
Note that the core microcontroller operation is idled until the
requested flash memory operation is complete. In practice, this
means that even though the flash operation is typically initiated
with a two-machine-cycle MOV instruction (to write to the flash
control SFR (ECON, Address 0xB9), the next instruction is not
executed until the Flash/EE operation is complete. This means
that the core cannot respond to interrupt requests until the Flash/
EE operation is complete, although the core peripheral functions
such as counters/timers continue to count, as configured, through-
out this period.
IN CIRCUIT PROGRAMMING
Serial Downloading
The ADE5166/ADE5169 facilitate code download via the
standard UART serial port. The parts enter serial download
mode after a reset or a power cycle if the SDEN pin is pulled low
through an external 1 kΩ resistor. Once in serial download
mode, the hidden embedded download kernel executes. This
allows the user to download code to the full 62 kB of flash
memory while the device is in circuit in its target application
hardware.
Protection configured in the last page of the ADE5166/ADE5169
affects whether flash memory can be accessed in serial download
mode. Read protected pages cannot be read. Write/erase
protected pages cannot be written or erased. The configuration
bits cannot be programmed in serial download mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com