Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-DWDL1 Datasheet(PDF) 123 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 123 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 119Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 120Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 121Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 122Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 123Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 124Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 125Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 126Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 123 of 148
UART OPERATION MODES
Mode 0 (Shift Register with Baud Rate Fixed at fCORE/12)
Mode 0 is selected when the SM0 and SM1 bits in the serial
communications control register SFR (SCON, Address 0x98) are
cleared. In this shift register mode, serial data enters and exits
through the RxD pin. The TxD pin outputs the shift clock. The
baud rate is fixed at fCORE/12. Eight data bits are transmitted or
received.
Transmission is initiated by any instruction that writes to the
serial port buffer SFR (SBUF, Address 0x99). The data is shifted
out of the Pin RxD line. The eight bits are transmitted with the
least significant bit (LSB) first.
Reception is initiated when the serial port receive enable bit
(Bit REN, Address 0x98[4]) is 1, and the serial port receive inter-
rupt bit (Bit RI, Address 0x98[0]) is 0. When RI is cleared, the
data is clocked into the Pin RxD line, and the clock pulses are
output from the Pin TxD line as shown in Figure 99.
RxD
(DATA OUT)
TxD
(SHIFT CLOCK)
DATA BIT 0
DATA BIT 1
DATA BIT 6
DATA BIT 7
Figure 99. 8-Bit Shift Register Mode
Mode 1 (8-Bit UART, Variable Baud Rate)
Mode 1 is selected by clearing the SM0 bit (Address 0x98[7]) and
setting the SM1 bit (Address 0x98[6]). Each data byte (LSB first)
is preceded by a start bit (0) and followed by a stop bit (1).
Therefore, each frame consists of 10 bits transmitted on the TxD
pin or received on the RxD pin.
The baud rate is set by a timer overflow rate. Timer 1 or Timer 2
can be used to generate baud rates, or both timers can be used
simultaneously where one generates the transmit rate and the
other generates the receive rate. There is also a dedicated timer
for baud rate generation, the UART timer, which has a fractional
divisor to precisely generate any baud rate (see the UART Timer
Generated Baud Rates section).
Transmission is initiated by a write to the serial port buffer SFR
(SBUF, Address 0x99). Next, a stop bit (1) is loaded into the ninth
bit position of the internal serial port shift register. The data is
output bit by bit until the stop bit appears on the TxD pin and
the transmit interrupt flag, TI (Address 0x98[1]), is
automatically set, as shown in Figure 100.
TxD
TI
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
(SCON.1)
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 100. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
the RxD pin. Assuming that a valid start bit is detected,
character reception continues. The eight data bits are clocked
into the internal serial port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR, Address 0xAF), RI must be 0 to receive a character.
This ensures that the data in the SBUF SFR is not overwritten
if the last received character has not been read.
•
If frame error checking is enabled by setting SM2 (Bit 5 of
the SCON SFR, Address 0x98), the received stop bit must
be set to receive a character. This ensures that every character
received comes from a valid frame, with both a start bit
and a stop bit.
If any of these conditions is not met, the received frame is irre-
trievably lost, and the receive interrupt flag (Bit RI in the SCON
SFR, Address 0x98[0]) is not set.
If the received frame has met these conditions, the following
events occur:
•
The eight bits in the receive shift register are latched into
the SBUF SFR.
•
The ninth bit (stop bit) is clocked into RB8 in the SCON SFR.
•
The receiver interrupt flag (RI in the SCON SFR) is set.
Mode 2 (9-Bit UART with Baud Fixed at fCORE/64 or fCORE/32)
Mode 2 is selected by setting SM0 and clearing SM1. In this
mode, the UART operates in 9-bit mode with a fixed baud rate.
The baud rate is fixed at fCORE/64 by default, although setting the
SMOD bit in the program control SFR (PCON, Address 0x87)
doubles the frequency to fCORE/32. Eleven bits are transmitted or
received: a start bit (0), eight data bits, a programmable ninth
bit, and a stop bit (1). The ninth bit is most often used as a parity
bit or as part of a multiprocessor communication protocol,
although it can be used for anything, including a ninth data bit,
if required.
To use the ninth data bit as part of a communication protocol for
a multiprocessor network such as RS-485, the ninth bit is set to
indicate that the frame contains the address of the device with
which the master wants to communicate. The devices on the
network are always listening for a packet with the ninth bit set
and are configured such that if the ninth bit is cleared, the frame
is not valid, and a receive interrupt is not generated. If the ninth
bit is set, all devices on the network receive the address and obtain
a receive character interrupt. The devices examine the address and,
if it matches one of the preprogrammed addresses of the device,
that device configures itself to listen to all incoming frames, even
those with the ninth bit cleared. Because the master has initiated
communication with that device, all the following packets with
the ninth bit cleared are intended specifically for that addressed
device until another packet with the ninth bit set is received. If
the address does not match, the device continues to listen for
address packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com