Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 30Page - Texas Instruments TMDS361 Datasheet HTML 31Page - Texas Instruments TMDS361 Datasheet HTML 32Page - Texas Instruments TMDS361 Datasheet HTML 33Page - Texas Instruments TMDS361 Datasheet HTML 34Page - Texas Instruments TMDS361 Datasheet HTML 35Page - Texas Instruments TMDS361 Datasheet HTML 36Page - Texas Instruments TMDS361 Datasheet HTML 37Page - Texas Instruments TMDS361 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
EXAMPLE – READING FROM THE TMDS361
TMDS361 Read Phase 1
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Step 2
7
6
5
4
3
2
1
0
I2C general address (master)
0
1
0
1
1
0
0
0
Step 3
8
I2C acknowledge (slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C write sink logic address (master)
0
0
0
0
Addr
Addr
Addr
Addr
Step 5
8
I2C acknowledge (slave)
A
Step 6
7
6
5
4
3
2
1
0
I2C write data (master)
Data
Data
Data
Data
Data
Data
Data
Data
Data is the register address or register data to be written
Step 7
8
I2C acknowledge (slave)
A
Step 8
0
I2C stop (master)
P
An example of the proper bit control for selecting port 2 is:
Step 4: 0000 0001
Step 6: 1001 0000
The read operation consists of two phases. The first phase is the address phase. In this phase, an I2C master
initiates a write operation to the TMDS361 by generating a start condition (S) followed by the TMDS361 I2C
address, in MSB-first bit order, followed by a 0 to indicate a write cycle. After receiving acknowledges from the
TMDS361, the master presents the subaddress of the register to be read. After the cycle is acknowledged (A),
the master may optionally terminate the cycle by generating a stop condition (P).
The second phase is the data phase. In this phase, an I2C master initiates a read operation to the TMDS361 by
generating a start condition followed by the TMDS361 I2C address (as shown following for a read operation), in
MSB first bit order, followed by a 1 to indicate a read cycle. After an acknowledge from the TMDS361, the I2C
master receives one byte of data from the TMDS361. The master can continue receiving data byes by issuing an
acknowledge after each byte read (steps 10, 11). After the last data byte has been transferred from the
TMDS361 to the master, the master generates a not-acknowledge followed by a stop.
Step 1
0
I2C start (master)
S
Step 2
7
6
5
4
3
2
1
0
I2C general address (master)
0
1
0
1
1
0
0
0
Step 3
8
I2C acknowledge (slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C write sink logic address (master)
0
0
0
0
Addr
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 7.
Step 5
8
I2C acknowledge (slave)
A
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com