Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 31Page - Texas Instruments TMDS361 Datasheet HTML 32Page - Texas Instruments TMDS361 Datasheet HTML 33Page - Texas Instruments TMDS361 Datasheet HTML 34Page - Texas Instruments TMDS361 Datasheet HTML 35Page - Texas Instruments TMDS361 Datasheet HTML 36Page - Texas Instruments TMDS361 Datasheet HTML 37Page - Texas Instruments TMDS361 Datasheet HTML 38Page - Texas Instruments TMDS361 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TMDS361 Read Phase 2
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
Step 6
0
I2C stop (master)
P
Step 6 is optional.
Step 7
0
I2C start (master)
S
Step 8
7
6
5
4
3
2
1
0
I2C general address (master)
0
1
0
1
1
0
0
1
Step 9
8
I2C acknowledge (slave)
A
Step 10
7
6
5
4
3
2
1
0
I2C read data (slave)
Data
Data
Data
Data
Data
Data
Data
Data
Where data is determined by the logic values contained in the internal registers.
Step 11A
8
I2C acknowledge (master)
A
If Step 11A is executed, go to step 10. If Step 11B is executed, go to Step 12.
Step 11B
8
I2C not acknowledge (master)
A
Step 12
0
I2C stop (master)
P
Table 8. I2C Register 0x01 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
Bit 7
Bit 6
Port Select I2C Mode
1
1
X
Port 1 is selected as the active port; HPD on non-selected ports is low. HPD1 can go low, high
or high-Z; there is no external 1-k
Ω pullup resistor to 5 V.
1
0
Port 2 is selected as the active port; HPD on non-selected ports is low. HPD2 can go low, high
or high-Z; there is no external 1-k
Ω pullup resistor to 5 V.
0
0
Port 3 is selected as the active port; HPD on non-selected ports is low. HPD3 can go low, high
or high-Z; there is no external 1-k
Ω pullup resistor to 5 V.
0
1
Standby mode: HPD[1:3] follows HPD_SINK.
5:4
Bit 4
Bit 3
OVS Control
0
0
OVS2: DDC sink-side VOL and VIL offset range 2: VIL2 (max): 0.4 V, VOL2 (max): 0.6 V
0
1
X
OVS3: DDC sink-side VOL and VIL offset range 3: VIL3 (max): 0.3 V, VOL3 (max): 0.5 V
1
1
OVS1: DDC sink-side VOL and VIL offset range 1: VIL1 (max): 0.4 V, VOL1 (max): 0.7 V
3:2
Bit 3
Bit 2
Output Edge Rate Control
1
1
Fastest edge rate + 90 ps
1
0
Fastest edge rate + 60 ps
0
1
Fastest edge rate + 30 ps
0
0
X
Fastest edge rate
1:0
Bit 1
Bit 0
Power Mode
1
0
Device enters low-power mode.
1
1
Device enters low-power mode.
0
1
Reserved
0
0
X
Device is in normal-power mode.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com