Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments TMDS361 Datasheet HTML 22Page - Texas Instruments TMDS361 Datasheet HTML 23Page - Texas Instruments TMDS361 Datasheet HTML 24Page - Texas Instruments TMDS361 Datasheet HTML 25Page - Texas Instruments TMDS361 Datasheet HTML 26Page - Texas Instruments TMDS361 Datasheet HTML 27Page - Texas Instruments TMDS361 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
RSCL
RSDA
TSCL
TSDA
OVS
R
T
B0344-01
TSCL/TSDA
RSCL/RSDA
Vcc
0.5V
5V +
10%
Vcc/2
t
PLH
DDC I
2C Behavior
Master
Slave
DriverR
Driver T
V
Rdd
R
Rup
C
CABLE
C
SOURCE
C
I
C
O
C
slave
V
Tdd
R
Tup
C
medium
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 28. I2C Drivers in the TMDS361 (R Side Is the HDMI Source Side, T Side Is the HDMI Sink Side)
When the T side is pulled below 0.4 V by an external I2C driver, both drivers R and T are turned on. Driver R
pulls the R side to near 0 V, and driver T is on, but is overridden by the external I2C driver. If driver T is already
on, due to a low on the R side, driver R just turns on.
When the T side is released by the external I2C driver, driver T is still on, so the T side is only able to rise to the
VOL of driver T. Driver R turns off, because VOL is above its 0.4-V VIL threshold, releasing the R side. If no
external I2C driver is keeping the R side low, the R side rises, and driver T turns off once the R side rises above
1.5 V, see Figure 29.
Figure 29. Waveform of Driver T Turning Off
It is important that any external I2C driver on the T side is able to pull the bus below 0.4 V to achieve full
operation. If the T side cannot be pulled below 0.4 V, driver R may not recognize and transmit the low value to
the R side.
The typical application of the TMDS361 is as a 3×1 switch in a TV connecting up to three HDMI input sources to
an HDMI receiver. The I2C repeater is 5-V tolerant, and no additional circuitry is required to translate between
3.3-V and 5-V bus voltages. In the following example, the system master is running on an R-side I2C-bus while
the slave is connected to a T-side bus. Both buses run at 100 kHz, supporting standard-mode I2C operation.
Master devices can be placed on either bus.
Figure 30. Typical Application
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com