Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 1 Page - Texas Instruments

  TMDS361 Datasheet HTML 1Page - Texas Instruments TMDS361 Datasheet HTML 2Page - Texas Instruments TMDS361 Datasheet HTML 3Page - Texas Instruments TMDS361 Datasheet HTML 4Page - Texas Instruments TMDS361 Datasheet HTML 5Page - Texas Instruments TMDS361 Datasheet HTML 6Page - Texas Instruments TMDS361 Datasheet HTML 7Page - Texas Instruments TMDS361 Datasheet HTML 8Page - Texas Instruments TMDS361 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
Digital TV
Digital
Camcorder
Game
Machine
DVDPlayerorDVR
TMD
S361
BRTNTV1
169PALplus
M0124-01
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
• Temperature Range: 0°C to 70°C
2
• 3:1 Switch Supporting DVI Above 1920 × 1200
• 64-Pin TQFP Package: Pin-Compatible With
and HDMI HDTV Resolutions up to 1080p With
TMDS351
16-bit Color Depth
• Robust TMDS Receive Stage That Can Work
• Designed for Signaling Rates up to 3 Gbps
With Non-Compliant Input Common-Mode
HDMI Signal
• HDMI1.3a Spec Compliant
• Adaptive Equalization to Support up to 20-m
HDMI Cable
• High-Definition Digital TV
• TMDS Input Clock-Detect Circuit
–
LCD
• DDC Repeater Function
–
Plasma
• <2 mW Low-Power Mode
–
DLP®
• Local I2C or GPIO Configurable
• Enhanced ESD. HBM: 10 kV on All Input
TMDS, DDC I2C, HPD Pins
• 3.3-Volt Power Supply
The TMDS361 is a three-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch
that allows up to three DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one
hot-plug detector, and a digital display control (DDC) interface are supported on each port. Each TMDS channel
supports signaling rates up to 3 Gbps to allow 1080p resolution in 16-bit color depth.
The TMDS361 provides an adaptive equalizer for different ranges of cable lengths. The equalizer automatically
compensates for intersymbol interference [ISI] loss of an HDMI/DVI cable for up to 20 dB at 3 Gbps (see
Figure 15).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMDS361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS361B TI1-TMDS361B Datasheet
11Mb / 48P
Three-Port HDMI Switch
TMDS361BPAG TI1-TMDS361BPAG Datasheet
11Mb / 48P
Three-Port HDMI Switch
TMDS361BPAGR TI1-TMDS361BPAGR Datasheet
11Mb / 48P
Three-Port HDMI Switch
More results

Similar Description - TMDS361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS261 TI-TMDS261 Datasheet
2Mb / 42P
1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
TMDS461 TI1-TMDS461 Datasheet
3Mb / 43P
1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com