Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 7Page - Texas Instruments TMDS361 Datasheet HTML 8Page - Texas Instruments TMDS361 Datasheet HTML 9Page - Texas Instruments TMDS361 Datasheet HTML 10Page - Texas Instruments TMDS361 Datasheet HTML 11Page - Texas Instruments TMDS361 Datasheet HTML 12Page - Texas Instruments TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SWITCHING CHARACTERISTICS
HPDInput
5pF
HPD
BUFFER
HPDOutput
5pF
S0367-01
5V
2.5V
HPD_SINK
HPD[1:3]
0V
3.3V
1.65V
0V
t
PD1(HPD)
T0387-01
t
s2
HPD_SINK
S2
S1
HPD1
HPD2
t
z
LP
5 V
0 V
5 V
0 V
5 V
0 V
VCC
0 V
0 V
VCC
0 V
0 V
5 V
t
s1
T0423-01
2.5V
2.5V
VCC/2
VCC/2
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD1(HPD)
HPD_SINK propagation delay
HPD_SINK to HPD[1:3]
12
20
ns
tS1(HPD)
Selecting port HPD switch time
S[1:2] to HPD[1:3]
17
30
ns
tS2(HPD)
Deselecting port HPD switch time
S[1:2] to HPD[1:3]
14
22
ns
tZ(HPD)
Low-power to high-level propagation delay
LP to HPD[1:3]
13
20
ns
Figure 1. HPD Test Circuit
Figure 2. HPD Timing Diagram #1
Figure 3. HPD Timing Diagram #2
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com