Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments TMDS361 Datasheet HTML 22Page - Texas Instruments TMDS361 Datasheet HTML 23Page - Texas Instruments TMDS361 Datasheet HTML 24Page - Texas Instruments TMDS361 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Video
Format
Generator
TMDS361 Test Board
TMDS
361
TP1
TP2
TP3
HDMI Cable
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
AVCC = 3.3 V, RT = 50 Ω
Figure 22. HDMI Cable Test-Point Configuration
Figure 23. Eye at TP3 (output of TMDS361) with 20 m, 24
Figure 24. Eye at TP3 (output of TMDS361) with 20 m, 24
AWG HDMI cable, 2.25 Gbps Input TMDS data Rate,
AWG HDMI cable, 3 Gbps Input TMDS data Rate, Fastest
Fastest Rise and Fall Time Setting on TMDS outputs
Rise and Fall Time Setting on TMDS outputs
Figure 25. Eye at TP3 (output of TMDS361) with 3 m, 28
Figure 26. Eye at TP3 (output of TMDS361) with 3 m, 28
AWG HDMI cable, 3 Gbps Input TMDS data Rate, Fastest
AWG HDMI cable, 3 Gbps Input TMDS data Rate, Slowest
Rise and Fall Time Setting on TMDS outputs
Rise and Fall Time Setting on TMDS outputs
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com