Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments TMDS361 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Data+
Data–
Clk+
Clk–
Coax
TMDS361
SMA
AV
CC
(4)
RT
AV
CC
RT
TTP4
TTP2
TTP1
HDMI Cable
(1)
RX
+EQ
OUT
RX
+EQ
OUT
SMA
SMA
SMA
SMA
TTP3
Coax
SMA
Coax
SMA
Coax
SMA
Coax
Coax
Coax
Coax
Video
Patterm
Generator
1000-mVpp
Differential
RT
(5)
RT
Jitter Test
Instrument
(2, 3)
Jitter Test
Instrument
(2, 3)
B0331-01
<2-Inch
50-
Transmission Line
(6)
W
<2-Inch
50-
Transmission Line
W
(6)
<2-Inch
50-
Transmission Line
W
(6)
<2-Inch
50-
Transmission Line
W
(6)
f − Frequency − GHz
−35
−30
−25
−20
−15
−10
−5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G001
HDMI Cable 20 m
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
(1)
The HDMI cable between TTP1 and TTP2 is 20 m. See Figure 15 for the loss profile of the cable.
(2)
All jitter is measured at a BER of 10–12.
(3)
Residual jitter is the total jitter measured at TTP4 minus the jitter measured at TTP1.
(4)
AVCC = 3.3 V.
(5)
RT = 50 Ω.
(6)
2 inches = 5.08 cm.
Figure 14. TMDS Jitter Measurements
Figure 15. Loss Profile of 20-m HDMI Cable
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com