Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 29Page - Texas Instruments TMDS361 Datasheet HTML 30Page - Texas Instruments TMDS361 Datasheet HTML 31Page - Texas Instruments TMDS361 Datasheet HTML 32Page - Texas Instruments TMDS361 Datasheet HTML 33Page - Texas Instruments TMDS361 Datasheet HTML 34Page - Texas Instruments TMDS361 Datasheet HTML 35Page - Texas Instruments TMDS361 Datasheet HTML 36Page - Texas Instruments TMDS361 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Acknowledge
(FromReceiver)
Start
Condition
Acknowledge
(Receiver)
Acknowledge
(Receiver)
SDA
Stop
Condition
I CDevice Addressand
Read/WriteBit
2
FirstDataByte
Other
DataBytes
LastDataByte
A6
ACK
A5
A1
A0
R/W
D7
D6
D1
D0 ACK
D7
D6
D1
D0
ACK
T0397-01
S
Slave Address
W
A
Data
A
Data
A
P
Receiver
Transmitter
A =No Acknowledge(SDA High)
A = Acknowledge
S=StartCondition
P =StopCondition
W=Write
R=Read
R0008-01
Start
Condition
SDA
Acknowledge
(FromReceiver)
Acknowledge
(From Transmitter)
Not Acknowledge
(Transmitter)
Stop
Condition
LastDataByte
I CDevice Addressand
Read/WriteBit
2
FirstData
Byte
Other
DataBytes
A6
A0
ACK
R/W
D7
D0
ACK
D7
D6
D1
D0
ACK
T0398-01
Slave Address
EXAMPLE – WRITING TO THE TMDS361
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
Figure 41. Multiple-Byte Write Transfer
Figure 42. I2C Read Cycle
Figure 43. Multiple-Byte Read Transfer
Both SDA and SCL must be connected to a positive supply voltage via a pullup resistor. These resistors should
comply with the I2C specification that ranges from 2 k
Ω to 19 kΩ. When the bus is free, both lines are high. The
address byte is the first byte received following the START condition from the master device. The 7-bit address is
factory preset to 0101 100. Table 7 lists the calls that the TMDS361 responds to.
Table 7. TMDS361 Slave Address
FIXED ADDRESS
READ/WRITE BIT
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (R/W)
0
1
0
1
1
0
0
1/0
The proper way to write to the TMDS361 is illustrated as follows:
An I2C master initiates a write operation to the TMDS361 by generating a start condition (S) followed by the
TMDS361 I2C address (as shown following, in MSB-first bit order, followed by a 0 to indicate a write cycle. After
receiving an acknowledge from the TMDS361, the master presents the subaddress (sink port) to be written,
consisting of one byte of data, MSB-first. The TMDS361 acknowledges the byte after completion of the transfer.
Finally, the master presents the data to be written to the register (sink port), and the TMDS361 acknowledges the
byte. The master can continue presenting data to be written after TMDS361 acknowledges the previous byte
(steps 6, 7). After the last byte to be written has been acknowledged by TMDS361, the I2C master then
terminates the write operation by generating a stop condition (P).
Step 1
0
I2C start (master)
S
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com