Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 3 Page - Texas Instruments

  TMDS361 Datasheet HTML 1Page - Texas Instruments TMDS361 Datasheet HTML 2Page - Texas Instruments TMDS361 Datasheet HTML 3Page - Texas Instruments TMDS361 Datasheet HTML 4Page - Texas Instruments TMDS361 Datasheet HTML 5Page - Texas Instruments TMDS361 Datasheet HTML 6Page - Texas Instruments TMDS361 Datasheet HTML 7Page - Texas Instruments TMDS361 Datasheet HTML 8Page - Texas Instruments TMDS361 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
FUNCTIONAL BLOCK DIAGRAM
HPD_SINK
V
cc
R
INT
Clock Detect
R
INT
V
cc
R
INT
TMDS Rx
R
INT
V
cc
R
INT
Clock Detect
R
INT
V
cc
R
INT
TMDS Rx
R
INT
Dx+_1
Dx–_1
CLK+_1
CLK–_1
Dx+_3
Dx–_3
CLK+_3
CLK–_3
xx2
Rx
Tx
Rx
Tx
SCL1
SDA1
Rx
Tx
Rx
Tx
SCL3
SDA3
HPD1
1kW
HPD2
HPD3
VSadj
Dx+_SINK
Dx–_SINK
CLK+_SINK
CLK–_SINK
TMDS Tx
TMDS Tx
Tx
Rx
Tx
Rx
SDA_SINK
SCL_SINK
S1/SCL
S2/SDA
I2C_SEL
Clock Detect
LP
TMDS Rx
w/ AEQ
TMDS Rx
w/ AEQ
1kW
1kW
3:1
MUX
LocalI C
and
ControlLogic
2
B0330-01
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com