Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
V
ID+
20%
V
ID
3.3V
2.8V
V
ID(pp)
V
OD(pp)
V
ID–
V
OD
20%
80%
80%
0V
t
PHL
t
PLH
t
f
t
r
T0391-01
50%
VOL
tsk(D)
VY
VZ
VOH
V
OC
DVOC(SS)
T0392-01
T0424-01
t
clk1
t
clk2
V
CD(PP)
V
OD(PP)
TMDSoutputs
HiZduringthisduration
ValidInput TMDS clock
thatmeetsthemin
Frequency Thresholdand
Amplitude
TMDSoutputclockwith
peaktopeakswing
complianttotheHDMI
specandsamefrequency
astheInput TMDSclock
frequency
TMDS
outputs
HiZ
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
Figure 10. TMDS Main-Link Timing Measurements
Figure 11. Definition of Intra-Pair Differential Skew
Figure 12. TMDS Main-Link Common-Mode Measurements
Figure 13. Clock-Detect Timing Diagram
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com