Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments TMDS361 Datasheet HTML 19Page - Texas Instruments TMDS361 Datasheet HTML 20Page - Texas Instruments TMDS361 Datasheet HTML 21Page - Texas Instruments TMDS361 Datasheet HTML 22Page - Texas Instruments TMDS361 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Driver
50 W
50 W
OS
0Vor3.6V
+
–
S0372-01
TYPICAL CHARACTERISTICS
TA − Ambient Temperature − °C
490
500
510
520
530
540
550
560
570
580
590
0
10
20
30
40
50
60
70
G002
VCC = 3.3 V, Input TMDS Data Rate = 2.25 Gbps
Fastest (Default) TMDS Output Edge Rate
Slowest TMDS Output Edge Rate
VSadj = 4.02 k
Ω
Input TMDS Data Rate − Gbps
490
500
510
520
530
540
550
560
570
580
590
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G003
TA = 25°C, VCC = 3.3 V, VSadj = 4.02 kΩ
Fastest (Default) TMDS Output Edge Rate
Slowest TMDS Output Edge Rate
TMDS361
www.ti.com............................................................................................................................................................................................ SLLS919 – DECEMBER 2008
Figure 16. TMDS Main Link Short-Circuit Output Circuit
AVCC = 3.3 V, RT = 50 Ω
POWER
POWER
vs
vs
AMBIENT TEMPERATURE
INPUT TMDS DATA RATE
Figure 17.
Figure 18.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com