Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 6Page - Texas Instruments TMDS361 Datasheet HTML 7Page - Texas Instruments TMDS361 Datasheet HTML 8Page - Texas Instruments TMDS361 Datasheet HTML 9Page - Texas Instruments TMDS361 Datasheet HTML 10Page - Texas Instruments TMDS361 Datasheet HTML 11Page - Texas Instruments TMDS361 Datasheet HTML 12Page - Texas Instruments TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
DEVICE POWER
ELECTRICAL CHARACTERISTICS
HOT-PLUG DETECT
ELECTRICAL CHARACTERISTICS
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
The TMDS361 is designed to operate from a single 3.3-V supply voltage. The TMDS361 has three power modes
of operation. These three modes are referred to as normal mode, standby mode, and low-power mode.
Normal mode is designed to be used during typical operating conditions. In normal mode, the device is fully
functional and consumes the greatest amount of power.
Standby mode is designed to be used when reduced power is desired, but DDC and HPD communication must
be maintained. Standby mode can be enabled via the I2C interface (See Table 8 through Table 11). or GPIO
interface (See Table 1). In standby mode, the high-speed TMDS data and clock channels are disabled to reduce
power consumption. The internal I2C logic and DDC function normally. HPD[1:3] follow HPD_SINK.
Low-power mode is designed to consume the least possible amount of power while still applying 3.3 V to the
device. Low-power mode can be enabled by either the LP pin or by local I2C (See Table 8 through Table 11). In
low-power mode, all of the inputs and outputs are disabled with the exception of the internal I2C logic and LP pin.
The clock-detect feature in the TMDS361 provides an automatic power-management feature in normal mode. if
no valid TMDS clock is detected, the terminations on the input TMDS data lines are disconnected, and the TMDS
outputs are high-Z. As soon as a valid TMDS clock is detected, the terminations on the TMDS data lines are
connected, the TMDS outputs come out of high-Z, and the device is fully functional and consumes the greatest
amount of power.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Normal-mode supply current
LP = HIGH TMDS: VID(pp) = 1200 mV, 3 Gbps TMDS data
170
216
mA
pattern; HPD_SINK = HIGH, S1/S2 = LOW/LOW, LOW/HIGH,
HIGH/HIGH
ISTBY
Standby supply current
LP = HIGH, TMDS: VID(pp) = 1200 mV, 3 Gbps TMDS data
3
5.5
mA
pattern; HPD_SINK = HIGH, S1 = HIGH, S2 = LOW
ISD
Shutdown current
LP = LOW
300
555
µA
Normal-mode supply current,
LP = HIGH, No TMDS input clock, HPD_SINK =HIGH, S1/S2 =
12
INCLK
18
mA
with no active TMDS input cloc
LOW/LOW, LOW/HIGH, HIGH/HIGH
The TMDS361 is designed to support the hot-plug indication to the input ports (HDMI/DVI sources connected to
TMDS361) via the HPD[1:3] output pins. The state of the hot-plug output of the selected source follows the state
of the hot-plug input (HPD_SINK input pin) from the sink side. The state of the hot-plug output for the
non-selected source goes low (See Table 1).
The maximum VOH of the HPD depends on VCC. It is recommended that if VOH greater than 3.6 V is needed on
HPD, then an external circuit can be used to drive the VOH off of the +5 V from the HDMI source connected (as
shown in Figure 33).
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH(HPD)
High-level output voltage
IOH = 100 µA
2
VCC
V
VOL(HPD)
Low-level output voltage
IOL = 100 µA
0
0.4
V
IH
High-level input current
VIH = 2 V, VCC = 3.6 V
–10
10
µA
IL
Low-level input current
VIL = 0.8 V, VCC = 3.6 V
–10
10
µA
RL
Output source impedance
800
1000
1200
Ω
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com