Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS361 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 24Page - Texas Instruments TMDS361 Datasheet HTML 25Page - Texas Instruments TMDS361 Datasheet HTML 26Page - Texas Instruments TMDS361 Datasheet HTML 27Page - Texas Instruments TMDS361 Datasheet HTML 28Page - Texas Instruments TMDS361 Datasheet HTML 29Page - Texas Instruments TMDS361 Datasheet HTML 30Page - Texas Instruments TMDS361 Datasheet HTML 31Page - Texas Instruments TMDS361 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
A DTV Supporting a Passive CEC Link
E-EDID Reading Configurations in Standby Mode
HPD1
SDA1
SCL1
HPD2
SDA2
SCL2
HPD3
SDA3
SCL3
EQ
S1
S2
HPD_SINK
SDA_SINK
SCL_SINK
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
VSADJ
E-EDID
HDMIRX
DDC_SDA
DDC_SCL
5V
5V
5V
47kW
47kW
47kW
mController
3.3V
4.7kW
4.7kW
CEC
CEC
CEC
4.02 kW 10%
GND
1kW
HPD
5V
SDA
SCL
CEC
CLK
D 0
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SINK
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE1
HPD
5V
SDA
SCL
CEC
CLK
D0
1
D
D2
D1
D2
SOURCE2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE3
A11/B11
A12/B12
A13/B13
A14/B14
VDD
(5V)
VCC
(3.3V)
A21/B21
A22/B22
A23/B23
A24/B24
A31/B31
A32/B32
A33/B33
A34/B34
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
In Figure 34, the DTV does not have the capability of handling CEC signals, but allows CEC signals to pass over
the CEC bus. The source selection is done by the control command of the DTV. The user cannot force the
command from any audio/video product on the CEC bus. The selected source reads the E-EDID data after
receiving an asserted HPD signal. The microcontroller loads different CEC physical addresses while changing
the source by means of the S1 and S2 pins.
When the DTV system is in standby mode, the sources do not read the E-EDID memory because the 1-k
Ω
pulldown resistor keeping the HPD_SINK input at logic low forces all HPD pins to output logic-low to all sources.
The source does not read the E-EDID data with a low on HPD signal. However, if reading the E-EDID data in the
system standby mode is preferred, then TMDS361 can still support this need.
The recommended configuration sequences are:
1. Apply the same 3.3-V power to the VCC of TMDS361 and the TMDS line termination at the HDMI receiver
2. Because the TMDS361 has clock-detect circuitry and there is no valid input TMDS clock in the standby
mode, TMDS361 draws significanty less current.
3. Set S1 and S2 to select the source port which is allowed to read the E-EDID memory.
Note that if the source has a time-out limitation between the 5-V and the HPD signals, the foregoing configuration
is not applicable. Uses individual EEPROMs assigned for each input port, see Figure 35. The solution uses
E-EDID data to be readable during system power-off or standby-mode operations.
Figure 34. Three-Port HDMI-Enabled DTV With TMDS361 – CEC Commands Passing Through
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com